Electronic Components Datasheet Search
  English  ▼

X  

4859 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # 4859
Description  Tilt Switch - Mercury
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

4859 Datasheet(HTML) 1 Page - American Electronic Components, inc

  4859 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tilt switches “make” when the electrode is tilted below horizontal and
“break” when tilted above the horizontal. Total travel from “make” to
“break” is the “Maximum included angle” shown below. The
component to which the switch is attached must have a total tilt angle
greater than the “Maximum included angle” for proper operation.
Part No: 4859 – A1/2 Series
Tilt Switch - Mercury
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2006
Specifications are subject to change without notice. E&OE.
4859 220806
Drawing dimensions in inches.
Features:
* Un-Insulated
* Form: NO/NC/SPST/Mount dependent
* Angles Referenced from Horizontal
* Dual Electrode
* Hermetically Sealed
* Small Package Size
* Narrow Included Angle
* High Current Capability
* Low Contact Resistance
* Long Life
Must Make / Break Angle * :
- 2º / +15º
Maximum included Angle:
17º
* Make/break angles are electrode + (above) / - (below) 0° horizontal
reference
Switch Ratings:
Max Switching Voltage:
5V
Max Switching Current:
0.25A
Initial Contact Resistance (Max):
600 milli Ohms
Stand Off Voltage (contact to contact):
1500V
Operating Temperature:
-38º to 220ºF / -38º to 105ºC
Storage Temperature:
-40º to 356ºF / -40º to 180º C
Typical number of operations at specified load:
10,000,000
G-Force Activation G-Level/Range:
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
0.33 / 0.15
Body Length (less leads). Inches / Millimeters:
0.39 / 9.9
Maximum Diameter. Inches / Millimeters:
0.31 / 7.9
Materials:
Lead Wire Type:
N/A
Lead wire length/skive/termination:
N/A
Finish:
Nickel plated


Similar Part No. - 4859

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4859 POMONA-4859 Datasheet
26Kb / 2P
Assembly Instructions
logo
List of Unclassifed Man...
4859 ETC2-4859 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
4859 ETC2-4859 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Eclipse Magnetics Ltd
485978 ECLIPSEMAGNETICS-485978 Datasheet
22Kb / 1P
Pin vices
485995 ECLIPSEMAGNETICS-485995 Datasheet
21Kb / 1P
Parallel pin punch
More results

Similar Description - 4859

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A-001 AEC-A-001 Datasheet
174Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1-009 AEC-A1-009 Datasheet
233Kb / 1P
Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
A-003 AEC-A-003 Datasheet
181Kb / 1P
Tilt Switch - Mercury
G5Z-003 AEC-G5Z-003 Datasheet
180Kb / 1P
Tilt Switch - Mercury
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com