Electronic Components Datasheet Search
  English  ▼

X  

5002 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # 5002
Description  Tilt Switch - Mercury
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

5002 Datasheet(HTML) 1 Page - American Electronic Components, inc

  5002 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tilt switches “make” when the electrode is tilted below horizontal and
“break” when tilted above the horizontal. Total travel from “make” to
“break” is the “Maximum included angle” shown below. The
component to which the switch is attached must have a total tilt angle
greater than the “Maximum included angle” for proper operation.
Part No: 5002 - A1/2 Series
Tilt Switch - Mercury
5002 090606
Specifications are subject to change without notice. E&OE.
© American Electronic Components Inc 2006
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
Features:
* Un-Insulated
* Form: NO/NC/SPST/Mount dependent
* Angles Referenced from Horizontal
* Single Electrode
* Hermetically Sealed
* Small Package Size
* Narrow Included Angle
* High Current Capability
* Low Contact Resistance
* Long Life
Must Make / Break Angle * :
-
Maximum included Angle:
15º
* Make/break angles are electrode + (above) / - (below) 0° horizontal
reference
Switch Ratings:
Max Switching Voltage
240V
Max Switching Current
120VAC / 1A: 240VAC / 0.4A: 120VDC / 0.5A: 240VDC /
0.4A
(Tungsten Lamp 120V 60Hz / 60W)
Initial Contact Resistance (Max).
80 milli Ohms
Stand Off Voltage (contact to contact)
1250 V
Operating Temperature
-38º to 220ºF / -38º to 105ºC
Storage Temperature
-40º to 356ºF / -40º to 180º C
Typical number of operations at specified load
10,000,000
G-Force Activation G-Level/Range
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
0.33 / 0.15
Body Length (less leads). Inches / Millimeters:
0.36 / 9.14
Maximum Diameter. Inches / Millimeters:
0.27 / 6.87
Materials:
Lead Wire Type
N/A
Lead wire length/skive/termination
N/A
Finish:
Tin


Similar Part No. - 5002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
5002 INTERSIL-5002 Datasheet
1Mb / 7P
ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
December 3, 2012
5002 INTERSIL-5002 Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
logo
List of Unclassifed Man...
5002 ETC2-5002 Datasheet
462Kb / 1P
THM TEST POINTS
More results

Similar Description - 5002

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4859 AEC-4859 Datasheet
186Kb / 1P
Tilt Switch - Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A-001 AEC-A-001 Datasheet
174Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1-009 AEC-A1-009 Datasheet
233Kb / 1P
Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
A-003 AEC-A-003 Datasheet
181Kb / 1P
Tilt Switch - Mercury
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com