Electronic Components Datasheet Search
  English  ▼

X  

20110 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # 20110
Description  Tip Over Switch - Mercury
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

20110 Datasheet(HTML) 1 Page - American Electronic Components, inc

  20110 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tilt switches “make” when the electrode is tilted below horizontal and
“break” when tilted above the horizontal. Total travel from “make” to
“break” is the “Maximum included angle” shown below. The
component to which the switch is attached must have a total tilt angle
greater than the “Maximum included angle” for proper operation.
Part No: 20110 - A1/2 Series
Tip Over Switch - Mercury
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2006
Drawing dimensions in inches and (millimeters).
20110 220806
Specifications are subject to change without notice. E&OE.
Features:
* Un-Insulated
* Form: NO/SPST/Vertical Mount as shown
* Angles Referenced from Vertical
* Side Pin 2nd Electrode
* Omni-Directional
* Hermetically Sealed
* Small Package Size
* Long Life
Must Make / Break Angle :
Must make between 45º and 75º from vertical
Maximum included Angle:
Load dependent
Switch Ratings:
Max Switching Voltage
12V DC
Max Switching Current
10mA
Initial Contact Resistance (Max).
10 Ohms
Stand Off Voltage (contact to contact)
1kV AC
Operating Temperature
-38º to 220ºF / -38º to 105ºC
Storage Temperature
-40º to 356ºF / -40º to 180º C
Typical number of operations at specified load
10,000,000
G-Force Activation G-Level/Range
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
0.33 / .015
Body Length (less leads). Inches / millimeters:
0.39 / 9.91
Maximum Diameter. Inches / millimeters:
0.31 / 7.9
Materials:
Lead Wire Type
N/A
Lead wire length/skive/termination
N/A
Finish:
Tin


Similar Part No. - 20110

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
20110 BELDEN-20110 Datasheet
399Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
nVent Electric plc
20110-071 NVENT-20110-071 Datasheet
8Mb / 18P
Multipacpro
09/2021
20110-072 NVENT-20110-072 Datasheet
8Mb / 18P
Multipacpro
09/2021
20110-073 NVENT-20110-073 Datasheet
8Mb / 18P
Multipacpro
09/2021
20110-074 NVENT-20110-074 Datasheet
8Mb / 18P
Multipacpro
09/2021
More results

Similar Description - 20110

ManufacturerPart #DatasheetDescription
logo
celduc-relais
IBXXXXX CELDUC-IBXXXXX Datasheet
70Kb / 1P
TIP OVER SWITCH- NO MERCURY CONTACTS
logo
American Electronic Com...
4770 AEC-4770 Datasheet
164Kb / 1P
Tip Over Switch ??Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
20599 AEC-20599 Datasheet
173Kb / 1P
Tip Over Switch ??Mercury
T03-1002 AEC-T03-1002 Datasheet
178Kb / 1P
Tip Over Switch . Mercury
T03-1005 AEC-T03-1005 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
T03-1010 AEC-T03-1010 Datasheet
192Kb / 1P
Tip Over Switch ??Mercury
T03-1016 AEC-T03-1016 Datasheet
178Kb / 1P
Tip Over Switch ??Mercury
T03-1050 AEC-T03-1050 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
T03-1054 AEC-T03-1054 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com