Electronic Components Datasheet Search
  English  ▼

X  

PIC10LF320 Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC10LF320
Description  6/8-Pin Flash-Based, 8-Bit Microcontrollers
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320 Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC10LF320 Datasheet HTML 80Page - Microchip Technology PIC10LF320 Datasheet HTML 81Page - Microchip Technology PIC10LF320 Datasheet HTML 82Page - Microchip Technology PIC10LF320 Datasheet HTML 83Page - Microchip Technology PIC10LF320 Datasheet HTML 84Page - Microchip Technology PIC10LF320 Datasheet HTML 85Page - Microchip Technology PIC10LF320 Datasheet HTML 86Page - Microchip Technology PIC10LF320 Datasheet HTML 87Page - Microchip Technology PIC10LF320 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 193 page
background image
PIC10(L)F320/322
DS40001585D-page 84
 2011-2015 Microchip Technology Inc.
15.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC conversion clock source
• Interrupt control
15.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and
digital signals. When converting analog signals, the I/O
pin should be configured for analog by setting the
associated
TRIS
and
ANSEL
bits.
Refer
to
Section 10.0 “I/O Port”
for more information.
15.1.2
CHANNEL SELECTION
There are up to five channel selections available:
• AN<2:0> pins
• Temperature Indicator
• FVR (Fixed Voltage Reference) Output
Refer to Section 12.0 “Fixed Voltage Reference
(FVR)”
and Section 14.0 “Temperature Indicator
Module”
for more information on these channel selec-
tions.
The CHS bits of the ADCON register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 15.2
“ADC Operation”
for more information.
15.1.3
ADC VOLTAGE REFERENCE
There is no external voltage reference connections to
the ADC. Only VDD can be used as a reference source.
The FVR is only available as an input channel and not
a VREF+ input to the ADC.
15.1.4
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ADCON register
(Register 15-1). There are seven possible clock
options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
• FRC (dedicated internal RC oscillator)
The time to complete one bit conversion is defined as
TAD. One full 8-bit conversion requires 9.5 TAD periods
as shown in Figure 15-2.
For correct conversion, the appropriate TAD specifica-
tion must be met. Refer to the A/D conversion require-
ments in Section 24.0 “Electrical Specifications” for
more information. Table 15-1 gives examples of
appropriate ADC clock selections.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input buf-
fer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com