Electronic Components Datasheet Search
  English  ▼

X  

20580 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # 20580
Description  Tilt Switch . Non Mercury
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

20580 Datasheet(HTML) 1 Page - American Electronic Components, inc

  20580 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20580 100706
Specifications are subject to change without notice. E&OE.
© American Electronic Components Inc 2006
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
Features:
* RoHS Compliant
* Un-Insulated
* Form: NO/NC/SPST/Mount dependent
* Angles Referenced from Horizontal
* Single Electrode
* Hermetically Sealed
* Small Package Size
* Narrow Included Angle
* Long Life
Tilt switches “make” when the electrode is tilted below horizontal and
“break” when tilted above the horizontal. Total travel from “make” to
“break” is the “Maximum included angle” shown below. The
component to which the switch is attached must have a total tilt angle
greater than the “Maximum included angle” for proper operation.
Part No: 20580 - A1/2 Series
Tilt Switch – Non Mercury
Drawing dimensions in inches and (millimeters).
Must Make / Break Angle * :
- 5º / + 5º
Maximum included Angle:
10
º
* Make/break angles are electrode + (above) / - (below) 0° horizontal
reference
Switch Ratings:
Max Switching Voltage:
12V DC
Max Switching Current:
1 mA
Initial Contact Resistance (Max):
200 Ohms
Stand Off Voltage (contact to contact):
1 kV AC
Operating Temperature:
-38º to 220º F / -38º to 105º C
Storage Temperature:
-40º to 356º F / -40º to 180º C
Typical number of operations at specified load:
10,000,000
G-Force Activation G-Level/Range:
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
0.33 / 0.15
Body Length (less leads). Inches / Millimeters:
0.36 / 9.14
Maximum Diameter. Inches / Millimeters:
0.31 / 7.87
Materials:
Lead Wire Type:
N/A
Lead wire length/skive/termination:
N/A
Finish:
Tin


Similar Part No. - 20580

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2058077-1 MACOM-2058077-1 Datasheet
76Kb / 1P
CABLE ASSEMBLY CT 2 POSITION
More results

Similar Description - 20580

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
20510 AEC-20510 Datasheet
180Kb / 1P
Tilt Switch ??Non Mercury
20518 AEC-20518 Datasheet
184Kb / 1P
Tilt Switch . Non Mercury
20703 AEC-20703 Datasheet
183Kb / 1P
Tilt Switch ??Non Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
T018-20855 AEC-T018-20855 Datasheet
213Kb / 1P
Tilt Switch ??Non Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com