Electronic Components Datasheet Search
  English  ▼

X  

AMP01AX Datasheet(PDF) 14 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 14 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 10Page - Analog Devices AMP01AX Datasheet HTML 11Page - Analog Devices AMP01AX Datasheet HTML 12Page - Analog Devices AMP01AX Datasheet HTML 13Page - Analog Devices AMP01AX Datasheet HTML 14Page - Analog Devices AMP01AX Datasheet HTML 15Page - Analog Devices AMP01AX Datasheet HTML 16Page - Analog Devices AMP01AX Datasheet HTML 17Page - Analog Devices AMP01AX Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 13 of 29
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
150
–50
–75
–25
0
25
75
100
125
50
50
40
–40
0
–10
–20
–30
30
10
20
VS = ±15V
Figure 5. Input Offset Voltage vs. Temperature
POWER SUPPLY VOLTAGE (V)
8
6
–6
0±5
±20
±10
±15
2
0
–2
–4
4
TA = +25°C
UNIT NO.
1
2
3
4
Figure 6. Input Offset Voltage vs. Supply Voltage
150
–50
–75
–25
0
25
75
100
125
50
TEMPERATURE (°C)
5
4
–4
0
–1
–2
–3
3
1
2
–5
VS = ±15V
Figure 7. Output Offset Voltage vs. Temperature
POWER SUPPLY VOLTAGE (V)
2.5
2.0
–1.0
0±5
±25
±10
±15
±20
1.0
0.5
0
–0.5
1.5
TA = +25°C
Figure 8. Output Offset Voltage Change vs. Supply Voltage
TEMPERATURE (°C)
150
–50
–75
–25
0
25
75
100
125
50
5
–2
4
2
1
0
–1
3
VS = ±15V
Figure 9. Input Bias Current vs. Temperature
POWER SUPPLY VOLTAGE (V)
2.0
1.5
–1.5
0
0.5
0
–0.5
–1.0
1.0
TA = +25°C
±5
±10
±15
±20
Figure 10. Input Bias Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com