Electronic Components Datasheet Search
  English  ▼

X  

TD4PX Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # TD4PX
Description  electronic roll-over switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

TD4PX Datasheet(HTML) 2 Page - American Electronic Components, inc

  TD4PX Datasheet HTML 1Page - American Electronic Components, inc TD4PX Datasheet HTML 2Page - American Electronic Components, inc TD4PX Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All dimensions in millimeters.
Not to scale.
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
TD4PX series
electronic roll-over switch
Ref: TD4PX Series 011916JHM
Dimensions and mounting holes
Fig. 1
1
2
3
4
5
M12 5p Male connector
Pin 1:
+Supply Voltage
Pin 2:
Reset function (pin fitted but not connected for non-resettable version)
Pin 3:
Gnd (0V)
Pin 4:
Output
Pin 5:
Factory use (Centering/zero set) - leave unconnected.
Ordering Codes
T
D
4
P
X
-
0
4
0
-
D
S
M
-
P
N
P
-
P
*
*
*
*
*
Series type
P***** = Reserved for
custom / specific versions
Trigger Angle (in 1
°steps)
(040 = 40
°)
P00001= non-resettable, with
LED status indicator, 1 second
delay
D = 10 - 30VDC
P00002 = Externally resetta-
ble1 with LED status indicator,
1 second delay
S
=
Standard Accuracy
P00003 = auto reset after 90s
delay, with LED status indica-
tor, 1 second delay
M
=
Medium Accuracy
H
=
High accuracy
X
=
Extra high Accuracy
PNP Output to drive up to 2 x
mini-ISO automotive relays
Terminations
Leave empty for 2000mm PUR Cable
Empty cable length in mm if not 2000mm
M
=
M12 Male connector (pins)
F
=
F12 Female connector (socket)
1
External reset requires an optional external configurator box
Optional LED position
Specifications are subject to change without notice. E&OE.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com