Electronic Components Datasheet Search
  English  ▼

X  

TMR2001 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # TMR2001
Description  TMR Linear Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

TMR2001 Datasheet(HTML) 2 Page - American Electronic Components, inc

  TMR2001 Datasheet HTML 1Page - American Electronic Components, inc TMR2001 Datasheet HTML 2Page - American Electronic Components, inc TMR2001 Datasheet HTML 3Page - American Electronic Components, inc TMR2001 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
V1.0a
2/4
Pin Configuration
Top View
Pin No.
Pin Name
Pin Function
VCC
1
Supply Voltage
NA
2
Not connected
V+
3
Analog Differential Output 1
Gnd
4
Ground
V-
5
Analog Differential Output 2
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
7
V
Reverse Supply Voltage
VRCC
7
V
Max Exposed Field
HE
4000
Oe
(1)
ESD Voltage
VESD
4000
V
Operating Temperature
TA
-40~125
°C
Storage Temperature
Tstg
-50 ~150
°C
Specification (VCC=1.0V, TA=25°C, Differential Output)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
Operating
1
7
V
Supply Current
ICC
Output Open
16
(2)
μA
Resistance
R
63
kOhm
Sensitivity
SEN
Fit @±5Oe
8
mV/V/Oe
Saturation Field
Hsat
-25
40
Oe
Non-Linearity
NONL
Fit @±5Oe
1.2
%FS
Offset Voltage
Voffset
-10
10
mV/V
Hysteresis
Hys
Fit @±5Oe
0.4
Oe
Temperature Coefficient of Resistance
TCR
H = 0 Oe
-560
PPM/°C
Temperature Coefficient of Sensitivity
TCS
-1160
PPM/°C
Notes:
(1) 1 Oe (Oersted) = 1 Gauss in air = 0.1 millitesla = 79.8 A/m.
(2) Custom sensor resistance may be available upon request.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com