Electronic Components Datasheet Search
  English  ▼

X  

MS6323ASMTR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MS6323ASMTR
Description  16-Bits Stereo Audio DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6323ASMTR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MS6323ASMTR Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6323ASMTR Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6323ASMTR Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6323ASMTR Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6323ASMTR Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6323ASMTR Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6323ASMTR Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6323ASMTR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV1
6
www.mosanalog.com.tw
APPLICATION INFORMATION
MP3 digital to analog converting solution
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6323
100uF
MS6308
68pF
39k
22k
22k
1nF
15k
1.2nF
1uF
100k
1uF
100k
10Ω
Supply
V
REF
10uF
0.1uF
1uF
f
-3dB = 17.5kHz
DC
gain = 1.05
V
DAC out p-p = 1.65V
V
out p-p = 1.75V
For V
DD = 3.3V
Headphone
(32Ω)
Fig.4
A third order lowpass filter ( Smoothing filter ) for DAC output.
0.1uF
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6323
1
2
3
45
6
7
8
47uF
MS6308
1
2
3
DAC
Headphone Driver
22k
450pF
50k
50k
10uF
V
RE
F
20k
20k
20k
470pF
0.1uF
7
5
6
47uF
1uF
MP3 DECODER
1.65V
PP
1.65V
PP
Headphone
(32Ω)
PHONE JACK
SUNPLUS
SPCA751
STMicroelectronics
STA013
AV
DD
10Ω
Supply
47uF
0.1uF
3.3V
Fig.5
A first order lowpass filter for DAC output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com