Electronic Components Datasheet Search
  English  ▼

X  

30C20 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # 30C20
Description  Arc Covers as standard
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

30C20 Datasheet(HTML) 2 Page - American Electronic Components, inc

  30C20 Datasheet HTML 1Page - American Electronic Components, inc 30C20 Datasheet HTML 2Page - American Electronic Components, inc 30C20 Datasheet HTML 3Page - American Electronic Components, inc 30C20 Datasheet HTML 4Page - American Electronic Components, inc 30C20 Datasheet HTML 5Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
30C20
definite purpose contactor
Page 2 of 5
www.aecsensors.com
Sales Department Tel: (888) 847-6552
General Specifications
Table 2
Initial Operate Time
mS 20
Terminations
Release Time
mS 10 (typical)
Coil Terminals
1 pole
2 pole
3 pole
4 pole
0.250” QC + #6-32 screw
(dual 0.250” QC optional) -
per terminal
Bounce Time
mS ≤ 10
Arc Cover
Standard
Insulation System
UL Class B 130°C
Initial Dielectric Strength
Power Terminals
1 pole
2 pole
#10-32 screw or #14-4 box
lug + Dual 0.250” QC
between contacts and coil
VAC 2200
between poles
VAC 2200 (includes shunt)
3 pole
4 pole
#10-32 screw or #14-4 box
lug + Quad 0.250” QC
between open contacts
VAC 2200
Temperature Range
°C -40 ... +65
Recommended Tightening
Torque
#10-32 22 in.lbf (2.49 Nm)
Unit Weight (approx.)
1 pole 0.5 lb
box lug 40 in.lbs (4.52 Nm)
2 pole 0.6 lb
Wire size
#10-32 16-8AWG*
3 pole 1.0 lb
box lug 14-4AWG
4 pole 1.24 lb
* Must use ring terminals
Ordering Codes
Type
Contact
material
Contact
arrangement
Cover protection and
terminations
Coil code
Special options
3
0
C
2
0
-
1
0
2
-
1
-
-
Contact Ratings
20
-
20 FLA
see Tables 3 to 6
Contact Material
10
-
AgCdO (standard)
70
-
AgSnOInO
Contact number & arrangement
21
-
SPST-NO
22
-
DPST-NO
23
-
3PST-NO
24
-
4PST-NO
Cover protection category
1
-
IP00, no overall cover
Termination Codes (see drawings for full specifications)
1
-
#10-32 combination philips screw with quad QC blades
2
-
Same as 1 with sems screw and pressure plate
3
-
#14-4AWG box lug with quad QC blades (box lug with quick connect)
4
-
#14-4AWG box lug with dual QC blades (box lug with quick connect) (standard for 40FLA)
5
-
#10-32 combination phillips screw with dual QC blades (standard for 20-30FLA)
6
-
#14-2AWG box lug with QC blades (standard for 50-60FLA)
7
-
#14-1AWG box lug with QC blades (standard for 75-150FLA)
Reserved for Customer Specific Requirements
001
-
Dual 0.25” QC blades for coil terminations
002
-
999 - optional customer specific number
T
Terminals
L
Terminals
Ref: 30C20 101711JHM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com