Electronic Components Datasheet Search
  English  ▼

X  

D2RS Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # D2RS
Description  lockable test feature
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D2RS Datasheet(HTML) 2 Page - American Electronic Components, inc

  D2RS Datasheet HTML 1Page - American Electronic Components, inc D2RS Datasheet HTML 2Page - American Electronic Components, inc D2RS Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
2
R
-
2
0
-
2
3
-
-
L
Style
S
-
SPDT: 10A/230VAC ,
DPDT: 5A/230VAC
H
-
SPDT: 16A/230VAC
G
-
DPST-NO: 5A / 220VDC
Contact material
see Tables 1 & 2
20
-
AgNi 90/10
Contact arrangement
11
-
SPDT (1C/O) D2RS & D2RH
12
-
DPDT (2 C/O) D2RS only
22
-
DPST-NO (2N/O) D2RG only
Cover protection category
2
-
in cover, IP40
Connection mode
3
-
plug-in, for sockets
Options
NIL
-
No options
WT
-
Test Lever (not available for D2RG)
L
-
LED Indicator = Red; Green for D2RG type. A1+
D
-
Diode (DC Coils only). A1+
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
D2RS series
industrial interface relays
DC Coil Data (at 20°C)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω) ±10%
Must Operate Voltage max.
(VDC)
Must Release Voltage min.
(VDC)
1012
12
300
9.0
1.2
1024
24
1200
19.2
2.4
1048
48
4800
38.4
4.8
1110
110
23500
88.0
11.0
1125
125
32500
100.0
12.5
Blue mechanical test button - green LED indicator (see ordering codes)
Ref: D2RS 010713JHM
AC (50/60Hz) Coil Data (at 20°C) Not available for D2RG
Table 2
Coil Voltage Code
Nominal Voltage (VAC)
Coil Resistance (Ω) ±10%
Must Operate Voltage max.
(VAC)
Must Release Voltage min.
(VAC)
5012
12
80
9.6
1.2
5024
24
320
19.2
2.4
5048
48
1350
38.4
4.8
5110
110
6900
88.0
11.0
5230
230
28000
184.0
23.0
Red mechanical test button - red LED indicator (see ordering codes)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com