Electronic Components Datasheet Search
  English  ▼

X  

D41F Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # D41F
Description  Screw or spring clamp terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D41F Datasheet(HTML) 3 Page - American Electronic Components, inc

  D41F Datasheet HTML 1Page - American Electronic Components, inc D41F Datasheet HTML 2Page - American Electronic Components, inc D41F Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D41F series
interface relays - accessories
American Electronic Components Inc., 1101 Lafayette St, Elkhart, Indiana IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
D41F-AR Adaptor
Fig.2
Specifications are subject to change without notice. E&OE.
Ref: D41F 102115JHM
Fig. 3
D41F-J-Blue / Red / Black Jumper
Ordering Code: D41F-J - Red or D41F-J- Blue or D41F-J-Black
D41F-S Separator
Fig. 4
D41F-M White Marker Tab
D41F-M1 White Marker Tab (bulk for engraving)
Fig. 5
Technical data
Rated current (per signal path)
1A
Minimum required supply power
3W
Nominal voltage (U
n)
24VDC
Operating range
(0.8~1.1)U
n
Control logic
Positive switching (to A)
Power supply status indication
Green LED
Ambient temperature range
-40°C ~ 70°C
Terminals for 24V control logic
Type of connector
14 pole, according to IEC 60603-13
Terminals for 24V Power supply
Wire strip length
9.5mm
Screw torque
0.5Nm
Max. wire size
solid wire
1 x 4/2 x 1.5mm2
1 x 12/2 x 16AWG
stranded wire
1 x 2.5/2 x 1.5mm2
1 x 14/2 x 16AWG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com