Electronic Components Datasheet Search
  English  ▼

X  

DEVR40 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DEVR40
Description  Reliable contacts sealed in inert gas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DEVR40 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DEVR40 Datasheet HTML 1Page - American Electronic Components, inc DEVR40 Datasheet HTML 2Page - American Electronic Components, inc DEVR40 Datasheet HTML 3Page - American Electronic Components, inc DEVR40 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 2 of 4
www.durakoolrelays.com Sales Department Tel: +1 574 295 6330 Toll: (888) 847 6552
DEVR40
Electric Vehicle Contactor
Ref: DEVR40 012516JHM
Specifications are subject to change without notice. E&OE.
Coil Data - DEVR40
Table 1
Coil Voltage
Code
Nominal
Voltage (VDC)
Must Operate
Voltage Max.
(VDC)
Maximum
Allowable
Voltage (VDC)
Must Release
Voltage Min.
(VDC)
Hold Voltage
Min. (VDC)
Inrush Current
Max.
(A)
Hold Current.
Average
0936
9 - 36
9.0
36
6.0
7.5
3.8
130mA @ 12VDC
70mA @ 24VDC
3295
32 - 95
32
95
18.0
22
1.3
30mA @ 48VDC
4895
48 - 95
48
95
27.0
34
0.7
20mA @ 72VDC
Ordering Codes
D
E
V
R
4
0
-
5
0
6
1
-
S
8
-
-
Contact Material
50
- AgSnO
2
Contact Arrangement
61
- SPST-NO. Polarity Conscious
71
- SPST-NO with aux.contacts. Polarity conscious
81
- SPST-NO. No Polarity
91
- SPST-NO with aux. contacts. No Polarity
Cover Protection and Mounting
S
- Hermetic sealed, Flange mount
Connection Mode
8
- M8 x 10mmm male
Coil Code
See Coil Data (Table 1)
Coil Wire Length
R
- 380mm (14.96”)
T
- 150mm (5.9”)
Other lengths available to order
Coil Wire Termination
1
- None
Other terminations to special order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com