Electronic Components Datasheet Search
  English  ▼

X  

DG19 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG19
Description  Automotive oriented design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG19 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG19 Datasheet HTML 1Page - American Electronic Components, inc DG19 Datasheet HTML 2Page - American Electronic Components, inc DG19 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG19
pcb automotive / industrial relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A), SPST-NC (1 Form B), SPDT (1 Form C)
Contact material
AgNi0.15, AgNi90/10, AgSnOInO, AgSnO
2, AgCdO
Max. switching voltage
DC 30VDC - Current dependent - see Fig 4
Min. switching current / voltage
0.01A/12VDC (AgNi0.15), 0.5A/5VDC (AgSnOInO)
1 Form A
1 Form B
1 Form C
NO
NC
Max. continuous current
DC1
45A (AgSnOInO)
40A (AgSnO
2)
30A
45A (AgSnOInO)
40A (AgSnO
2)
30A
Max. switching current
Make 180A (AgSnOInO)
100A
30A
180A (AgSnOInO)
100A
30A
Break
60A
30A
60A
30A
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 6, 12, 24V
Must release voltage
10% U
n
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.5W approx.
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1 min.
General Data
Operating time (typical)
ms ≤ 5
Release time (typical)
ms ≤ 3
Electrical Life
ops 2 x 105 (see Note 2)
Mechanical life
ops 1 x 107
Dimensions
L x W x H various - see dimensions Fig.1
Weight
open: 18g / covered: 23g approx.
Ambient temperature
storage -40 to +155°C
operating -40 to 125°C (higher to special order)
Shock resistance
Functional: 20g 11mS; Destructive: 100g
Vibration resistance
Functional: NO 20g; NC 10g 20-200Hz
Drop resistance
1M height drop on concrete in final enclosure
• 30A to 45A continuous current capacity
• AgSnOInO contacts for motor & lamp loads
• open, dust cover and sealed versions
• US & European terminal configurations
• Automotive oriented design
Ref: DG19 051216JHM
RoHS Compliant
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG19

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG19 WILLOW-DG19 Datasheet
324Kb / 3P
pcb automotive / industrial relay
DG19-1011-15-11 WILLOW-DG19-1011-15-11 Datasheet
324Kb / 3P
pcb automotive / industrial relay
DG19-1011-15-81 WILLOW-DG19-1011-15-81 Datasheet
324Kb / 3P
pcb automotive / industrial relay
DG19-1011-15-81D WILLOW-DG19-1011-15-81D Datasheet
324Kb / 3P
pcb automotive / industrial relay
DG19-1011-35-11 WILLOW-DG19-1011-35-11 Datasheet
324Kb / 3P
pcb automotive / industrial relay
More results

Similar Description - DG19

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CEU3E2X7R1H103K080AE TDK-CEU3E2X7R1H103K080AE Datasheet
139Kb / 1P
Automotive Grade ( Serial Design )
CEU3E2X7R1H153M080AE TDK-CEU3E2X7R1H153M080AE Datasheet
138Kb / 1P
Automotive Grade ( Serial Design )
CEU3E2X7R1H223M080AE TDK-CEU3E2X7R1H223M080AE Datasheet
138Kb / 1P
Automotive Grade ( Serial Design )
CEU3E2X7R1H333M080AE TDK-CEU3E2X7R1H333M080AE Datasheet
138Kb / 1P
Automotive Grade ( Serial Design )
CEU3E2X7R1H682K080AE TDK-CEU3E2X7R1H682K080AE Datasheet
139Kb / 1P
Automotive Grade ( Serial Design )
CEU3E2X7R2A152M080AE TDK-CEU3E2X7R2A152M080AE Datasheet
138Kb / 1P
Automotive Grade ( Serial Design )
CEU3E2X7R2A332M080AE TDK-CEU3E2X7R2A332M080AE Datasheet
138Kb / 1P
Automotive Grade ( Serial Design )
CEU4J2X7R1H104K125AE TDK-CEU4J2X7R1H104K125AE Datasheet
138Kb / 1P
Automotive Grade ( Serial Design )
CEU4J2X7R2A153M125AE TDK-CEU4J2X7R2A153M125AE Datasheet
138Kb / 1P
Automotive Grade ( Serial Design )
CEU4J2X7R2A472M125AE TDK-CEU4J2X7R2A472M125AE Datasheet
139Kb / 1P
Automotive Grade ( Serial Design )
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com