Electronic Components Datasheet Search
  English  ▼

X  

DG28 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG28
Description  optimised for DC switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG28 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG28 Datasheet HTML 1Page - American Electronic Components, inc DG28 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB Mounting Dimensions and Wiring
Fig. 2
DG28
miniature automotive pcb power relay
Ref: DG28 080811JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(V DC)
Coil Resistance (Ω)
±10%
Must operate
voltage max.
(V DC)
Must release
voltage min.
(V DC)
Max allowable
Overdrive
V DC (23’C)
Standard Coil
1006
6
19
3.3
0.6
9
1012
12
90
6.8
1.2
19.6
1024
24
362
13.9
2.4
39.3
Sensitive Coil
S006
6
30
4.5
0.6
11
S012
12
120
9.0
1.2
22.1
S024
24
480
19.2
2.4
44.3
Page 2 of 2
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
All Dimensions in mm
Ordering codes
Type
Contact material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
2
8
-
7
0
-
1
5
-
Contact material
70
-
AgSnOInO
see coil table 1
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
1
-
Open type, no cover, IP00
Connection mode
5
-
for PCB
Specifications are subject to change without notice. E&OE.
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Maximum make current refers to inrush current of motor load.
3: Electrical life is strongly dependent of switching frequency, On/Off ratio and environmental conditions.
*
* Not fitted for SPST-NO type
6 (4) x Ø 1.4
1.5 x 1.5
13.7 ± 0.2
1.85 ± 0.2
2.4 ± 0.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com