Electronic Components Datasheet Search
  English  ▼

X  

DG29 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG29
Description  Two separate relays in miniature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG29 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG29 Datasheet HTML 1Page - American Electronic Components, inc DG29 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB Mounting Dimensions and Wiring
Fig. 2
Ordering codes
Type
Contact material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
2
9
-
7
0
-
5
-
Contact material
70
-
AgSnOInO
see Table 1
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
22
-
2 x SPDT ( 2 x 1C/O, 2 x 1 Form C)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
DG29
miniature automotive pcb power relay
Ref: DG28 080411JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (V DC)
Must release voltage
min. (V DC)
1012
12
254
7.2
1.0
1024
24
1020
14.4
2.0
Page 2 of 2
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
All Dimensions in mm
Specifications are subject to change without notice. E&OE.
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Maximum make current refers to inrush current of motor load.
3: Electrical life is strongly dependent of switching frequency, On/Off ratio and environmental conditions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com