Electronic Components Datasheet Search
  English  ▼

X  

DG38L Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG38L
Description  80VDC maximum switching voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG38L Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG38L Datasheet HTML 1Page - American Electronic Components, inc DG38L Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG38L
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A), SPDT (1 Form C)
Contact material
AgSnOInO
Max. switching voltage
28VDC / 277VAC (optionally 80VDC, SPST-NO only)
Min. switching current / voltage
500mA/12VDC
SPST-NO
SPDT
NO Contact
NC Contact
Max. continuous current (240VAC/28VDC)
45A
30A
15A
Max. switching current
45A (20A @ 80VDC)
30A
15A
Motor
240VAC
3HP
2HP
0.75HP
120VAC
1.5HP
1.5HP
0.375HP
LRA/FLA
240VAC
120A/45A
75A/30A
30A/10.5A
120VAC
147A/33A
75A/30A
30A/10.5A
Initial resistance
50mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 5...110VDC
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 0.9W
Insulation
Insulation resistance
50mΩ at 500VDC, 50%RH
Dielectric strength
coil to contact / open contacts 1500Vrms, 1min.
(Contact Gap ≥1.2mm for P674)
General Data
Operating time (max.)
ms 15
Release time (max.)
ms 10
Electrical Life
ops 1.5 x 104
Mechanical life
ops 1 x 107
Dimensions
L x W x H 32.2 x 27.5 x 28mm
Weight
32g (approx)
Ambient temperature
storage -40 to 130°C
operating -55 to 85°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm; 10-50Hz
• Up to 45A switching capability
• 80VDC maximum switching voltage
• Improved DG38 with magnetic arc quench
• PCB & QC terminals
• RoHS Compliant
Ref: DG38L 010914JHM
E343443
UL Rating


Similar Part No. - DG38L

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
pcb and industrial power relay
logo
Solid State Supplies.
DG38L-7011-30-1005-P674 DURAKOOL-DG38L-7011-30-1005-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
DG38L-7011-30-1006-P674 DURAKOOL-DG38L-7011-30-1006-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
DG38L-7011-30-1009-P674 DURAKOOL-DG38L-7011-30-1009-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
DG38L-7011-30-1012-P674 DURAKOOL-DG38L-7011-30-1012-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
More results

Similar Description - DG38L

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
GT-RLSAE80 LUMEX-GT-RLSAE80 Datasheet
55Kb / 1P
LIGHT DUTY LEAD ARRESTOR, 80VDC
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
Maximum Clamp Voltage
logo
Sharp Corporation
PQ1CY1032ZPH SHARP-PQ1CY1032ZPH Datasheet
164Kb / 6P
Maximum switching current: 3.5A
logo
Murata Manufacturing Co...
MHR0319SA306M70 MURATA-MHR0319SA306M70 Datasheet
153Kb / 2P
Maximum Working Voltage
MHR0319SA306G70 MURATA-MHR0319SA306G70 Datasheet
151Kb / 2P
Maximum Working Voltage
MHR0319SA305J70 MURATA-MHR0319SA305J70 Datasheet
151Kb / 2P
Maximum Working Voltage
MHR0319SA805J20 MURATA-MHR0319SA805J20 Datasheet
153Kb / 2P
Maximum Working Voltage
logo
American Electronic Com...
DG38 AEC-DG38 Datasheet
279Kb / 3P
110VDC maximum switching voltage
DG76 AEC-DG76 Datasheet
633Kb / 4P
30V maximum DC switching voltage
DG77 AEC-DG77 Datasheet
264Kb / 3P
30VDC maximum switching voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com