Electronic Components Datasheet Search
  English  ▼

X  

PMC520 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PMC520
Description  PMC520 Octal Serial 232 Communication
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PMC520 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PMC520 Datasheet HTML 1Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Acromag, Inc. • PO Box 437, Wixom, MI 48393 • Phone: 248-624-1541 • Fax: 248-624-9234 • e-mail: sales@acromag.com • www.acromag.com
PMC Modules
PMC520
Octal Serial 232
Communication
These modules provide eight asynchronous serial
communication ports from a single PMC carrier slot.
Software-configuration helps you quickly set baud rates,
character-sizes, stop bits, and parity. Signal support for
RTS/CTS handshaking is also included.
For more efficient data processing, each serial port is
equipped with 64-character FIFO buffers on the
transmit and receive lines.
The data ports generate individually controlled transmit,
receive, line status, and data set interrupts. A global
interrupt source register provides interrupt status
indication for all eight channels to speed up interrupt
parsing.
Features
■
Eight RS232E ports
■
64-byte transmit FIFO buffers
64-byte receive FIFO buffers
■
Programmable baud rate (up to 120Kbps)
■
Individual handshake lines (RTS, CTS)
on each channel
■
Line-break and false start-bit detection
■
Industry-standard software-compatible 16C550
configuration registers
Benefits
■
High-density design lowers per-port costs and
saves PMC carrier card slots for other functions.
■
64-byte FIFO buffers minimize CPU interaction for
improved system performance.
■
Each serial channel provides handshake support to
simplify interfacing with modems.
Specifications
RS232E Serial Ports
Configuration: Independent, non-isolated serial ports with a
common single return connection and configured as a
DTE device.
Data rate: Programmable up to 120K bits/second using
internal baud rate generator.
Max. cable length: 15 meters (50 feet) typical, limited to a
cable capacitive load of 2500pF.
Character size: 5 to 8 bits, software-programmable.
Parity: Odd, even, or no parity; software-programmable.
Stop bits: 1, 1-1/2, or 2 bits; software-programmable.
Data register buffers: Double buffered or 64-byte FIFO
buffered, mode selectable.
Interrupts: Receiver line status (overrun, parity, framing error,
or break interrupt); received data available
(FIFO level reached) or character time-out; transmitter
(FIFO level reached); or modem status (CTS).
Environmental
Operating temperature: 0 to 70°C (PMC520-64) or
-40 to 85°C (PMC520-64E).
Storage temperature: -55 to 125°C.
Relative humidity: 5 to 95% non-condensing.
Power: +5V (±5%), consult factory for current specifications.
MTBF: Consult factory.
PMC Compliance
Conforms to PCI Local Bus Specification, Revision 2.3 and
CMC/PMC Specification, P1386.1.
4K Memory Space Required: One Base Address Register.
Signaling: 3.3V and 5V compliant.
Ordering Information
PMC Modules
PMC520-64
Eight RS232E serial ports, front I/O connector
PMC520-64E
Same as PMC520-64 plus extended temperature range.
PMC520-64R
Same as PMC520-64 except with rear I/O connector
PMC520-64RE
Same as PMC520-64R plus extended temperature range
Customized PMC Modules
†
5085-x
Modified PMC520-64 with user-specified crystal/baud rate.
† Specify x = crystal frequency when ordering.
Minimum quantity per order is two units.
Software (see Catalog 8400-139 for more info)
PMCSW-API-VXW
VxWorks® software support package
PCISW-API-QNX
QNX® software support package
PCISW-API-WIN
Windows® DLL software support
Accessories (see Catalog 8400-139 for more info)
5025-288
Termination panel, SCSI-3 connector,
68 screw terminals
5028-432
Cable, shielded, SCSI-3 connector both ends
With eight serial ports per module, the PMC520 provides a high-density solution to reduce costs and use fewer card slots.
8400-386 Printed in USA 7/04 Copyright © 2004 Acromag, Inc. Data subject to change without notice
All trademarks are the property of their respective owners.
NEW!


Similar Part No. - PMC520

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
PMC51 EH-PMC51 Datasheet
141Kb / 7P
Absolute and gauge pressure Cerabar PMC51
More results

Similar Description - PMC520

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1610A ADVANTECH-PCI-1610A Datasheet
541Kb / 1P
4-port RS-232 PCI Communication Cards
PCI-1620 ADVANTECH-PCI-1620 Datasheet
535Kb / 1P
8-port RS-232 PCI Communication Cards
MIC-3620 ADVANTECH-MIC-3620 Datasheet
142Kb / 1P
8-port RS-232 Communication CPCI Card
logo
Siemens Semiconductor G...
SAB82525N-V21 SIEMENS-SAB82525N-V21 Datasheet
741Kb / 126P
High-Level Serial Communication
logo
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
SNAP Serial Communication Modules
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
RS-232/485 Serial Interface
787-890 WAGO-787-890 Datasheet
216Kb / 3P
RS-232 communication cable; Length 1.8 m
logo
Advantech Co., Ltd.
PCI-1620 ADVANTECH-PCI-1620_V01 Datasheet
527Kb / 1P
8-port RS-232 PCI Communication Card
31-Mar-2017
MIC-3955 ADVANTECH-MIC-3955_V01 Datasheet
1Mb / 2P
3U CompactPCI짰 RS-232/422/485 Serial Communication Card
18-Feb-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com