Electronic Components Datasheet Search
  English  ▼

X  

SI-128 Datasheet(PDF) 1 Page - ETAL Group

Part # SI-128
Description  Motors, transformers, solenoids, controls for oil and gas boilers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SI-128 Datasheet(HTML) 1 Page - ETAL Group

  SI-128 Datasheet HTML 1Page - ETAL Group SI-128 Datasheet HTML 2Page - ETAL Group SI-128 Datasheet HTML 3Page - ETAL Group SI-128 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal Overcurrent Circuit Breaker 2-6400-...
www.e-t-a.de
1635
1
1
Description
Typical applications
Ordering information
Technical data
Single pole thermal circuit breaker with push-to-reset, tease-free,
trip-free, snap action mechanism (R type TO CBE to EN 60934).
Featuring auxiliary contacts (1 x N/C; 1 x N/O) as standard. Options
include an additional unprotected circuit tap (-A3). Approved to CBE
standard EN 60934 (IEC 60934).
Motors, transformers, solenoids, controls for oil and gas boilers.
2-6400-...
For further details please see chapter: Technical Information
Voltage rating
AC 250 V; DC 28 V
Current rating range
0.05...16 A
Auxiliary circuit
1 A, AC 250 V/DC 28 V
Typical life
0.05...16 A 5,000 operations
at 2 x IN, inductive
Ambient temperature
-20...+60 °C (-4...+140 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,000 V
main circuit
to aux. circuit
AC 1,500 V
aux. circuit 4-5 to 6-7
AC 840 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
10 x IN
Interrupting capacity
(UL 1077)
IN
UN
0.05...4.5 A
AC 250 V
200 A
5...8 A
AC 250 V
1,000 A
8.5...16 A
AC 250 V
2,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
10 g (57-500 Hz) ± 0.76 mm (10-57 Hz),
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
40 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 25 g
Standard current ratings and typical internal resistance values
Approvals
Type No.
2-6400 threadneck panel mounting, with auxiliary contacts
Mounting
iG1 moulded threadneck 3/8-27UNS-2A with hexnut and plastic
knurled nut (hardware bulk shipped for 5 pcs plus)
iG2 moulded threadneck M12x1 with hexnut and knurled nut
(hardware bulk shipped for 5 pcs plus)
Terminal design - main circuit
L10
solder terminals
P10
blade terminals A6.3-0.8 mm (QC .250)
Shunt terminal (optional)
A3 shunt terminal same as main terminal (up to 7/5 A
max. load; up to 16 A/10 A max. load)
Auxiliary contacts
Si N/O and N/C contacts, solder terminals
Current ratings
0.05...16 A
2-6400 - .. - P10 - .. - Si - 8 A
ordering example
The exact part number required can be built up from the table of choices shown
above. Ordering references for optional features should be omitted if not required.
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
0.05
257
2
0.30
0.08
138
2.5
0.20
0.1
90
3
0.12
0.2
32.2
3,5
0.10
0.3
14.6
4
0.07
0.4
8.4
4.5
0.056
0.5
5.15
5
0.046
0.6
3.82
6
0.035
0.7
2.80
7
0.03
0.8
2.15
8
< 0.02
1
1.42
10
< 0.02
1.2
0.96
12
< 0.02
1.5
0.51
15
< 0.02
1.8
0.40
16
< 0.02
Authority Standard
Rated voltage
Current ratings
VDE
IEC/EN 60934 AC 250 V
DC 28 V
0.05 A…16 A
0.05 A…16 A
UL
UL 1077
AC 250 V
DC 28 V
0.05 A…16 A
0.05 A…16 A
CSA
C22.2 No 235
AC 250 V
DC 28 V
0.05 A…16 A
0.05 A…16 A


Similar Part No. - SI-128

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
SI-100 AMP-SI-100 Datasheet
73Kb / 4P
Si-100 Motor Control
logo
List of Unclassifed Man...
SI-10022 ETC1-SI-10022 Datasheet
489Kb / 4P
SI-10022
SI-10267 ETC-SI-10267 Datasheet
471Kb / 4P
BEL STEWART CONNECTOR
logo
Campbell Scientific Uni...
SI-111 CAMPBELL-SI-111 Datasheet
215Kb / 2P
Precision Infrared Radiometer
April 2009
SI-111-PW CAMPBELL-SI-111-PW Datasheet
215Kb / 2P
Precision Infrared Radiometer
April 2009
More results

Similar Description - SI-128

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
logo
ETAL Group
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
Motors, transformers, solenoids, battery chargers, extra low voltage systems
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
Motors, transformers, solenoids, extra low voltage wiring systems
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
Motors, transformers, solenoids, hand-held machines and appliances
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
logo
Visual Communications C...
PML50 VCC-PML50 Datasheet
258Kb / 4P
Maritime, Oil and Gas Industry
logo
Siemens Semiconductor G...
LOA24.171B27 SIEMENS-LOA24.171B27 Datasheet
529Kb / 10P
Oil Burner Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com