Electronic Components Datasheet Search
  English  ▼

X  

HM11 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HM11
Description  Vertical Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM11 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HM11 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM11 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM11 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6
6-49
Model HM11 Series
Wire
Inductance
Max. Current
Mechanical Outline
Gauge
µH
DC
I SAT
DC Amps
Dimensions: Inches (mm)
Part
Core
AWG
@10 kHz Resistance DC Amps
at 35°C
at 45°C
Number
Size
mm (1)
±25%
m
Ω Max. Approx.
Rise
Rise
A
B
C
SPECIFICATIONS
HM11-11001
10 X 40
10 (2.59)
4.46
2.0
48
23.5
26.5
1.65 (42)
.75 (19.0)
.63 (16.0)
HM11-11302
10 X 35
13 (1.83)
7.20
4.5
36
13.0
15.0
1.46 (37)
.65 (16.5)
.57 (14.5)
HM11-11503
10 X 35
15 (1.45)
11.00
8.1
28
10.5
12.0
1.46 (37)
.60 (15.2)
.54 (13.7)
HM11-11804
10 X 35
18 (1.02)
21.00
21.4
20
7.0
8.0
1.46 (37)
.55 (14.0)
.50 (12.8)
HM11-12005
10 X 35
20 (0.81)
34.00
43.0
16
5.5
6.5
1.46 (37)
.55 (14.0)
.49 (12.4)
HM11-21001
10 X 25
10 (2.59)
1.40
1.2
85
25.0
28.0
1.06 (27)
.75 (19.0)
.63 (16.0)
HM11-21302
10 X 25
13 (1.83)
3.30
3.4
60
14.0
16.0
1.06 (27)
.65 (16.5)
.57 (14.5)
HM11-21503
10 X 25
15 (1.45)
5.00
5.5
46
11.5
13.5
1.06 (27)
.60 (15.2)
.54 (13.7)
HM11-21804
10 X 25
18 (1.02)
9.30
15.0
30
8.0
9.0
1.06 (27)
.55 (14.0)
.50 (12.8)
HM11-22005
10 X 25
20 (0.81)
16.20
30.6
22
5.0
5.5
1.06 (27)
.55 (14.0)
.49 (12.4)
HM11-31001
8 X 25
10 (2.59)
1.20
1.0
72
28.0
31.0
1.06 (27)
.65 (16.5)
.55 (14.0)
HM11-31302
8 X 25
13 (1.83)
2.70
2.7
45
14.5
17.0
1.06 (27)
.55 (14.0)
.49 (12.5)
HM11-31503
8 X 25
15 (1.45)
4.20
4.9
35
11.5
13.5
1.06 (27)
.55 (14.0)
.46 (11.7)
HM11-31804
8 X 25
18 (1.02)
7.20
11.6
26
8.0
9.0
1.06 (27)
.50 (12.7)
.43 (10.8)
HM11-32005
8 X 25
20 (0.81)
12.00
22.8
22
5.5
6.5
1.06 (27)
.45 (11.4)
.41 (10.4)
HM11-41301
6 X 16
13 (1.83)
0.66
1.4
65
13.0
15.0
.71 (18)
.50 (12.7)
.41 (10.5)
HM11-41502
6 X 16
15 (1.45)
1.00
2.3
50
10.0
12.0
.71 (18)
.45 (11.4)
.38 (9.7)
HM11-41803
6 X 16
18 (1.02)
2.20
6.1
32
8.0
9.0
.71 (18)
.40 (10.2)
.35 (8.8)
HM11-42004
6 X 16
20 (.081)
3.30
10.87
23
7.5
8.5
.71 (18)
.40 (10.2)
.33 (8.4)
HM11-51301
5 X 25
13 (1.83)
2.00
1.9
25
17.0
19.5
1.06 (27)
.45 (11.4)
.37 (9.5)
HM11-51502
5 X 25
15 (1.45)
2.60
3.2
20
14.5
16.5
1.06 (27)
.45 (11.4)
.34 (8.7)
HM11-51803
5 X 25
18 (1.02)
5.50
8.4
14
9.0
10.0
1.06 (27)
.35 (8.9)
.31 (7.8)
HM11-52004
5 X 25
20 (0.81)
8.80
16.5
10
6.5
7.0
1.06 (27)
.35 (8.9)
.29 (7.4)
HM11-61301
4 X 16
13 (1.83)
0.37
0.9
53
18.0
20.0
.71 (18)
.40 (10.2)
.33 (8.5)
HM11-61502
4 X 16
15 (1.45)
0.68
1.7
38
15.5
17.5
.71 (18)
.40 (10.2)
.30 (7.7)
HM11-61803
4 X 16
18 (1.02)
1.15
3.7
28
10.5
12.0
.71 (18)
.35 (8.9)
.27 (6.8)
HM11-62004
4 X 16
20 (0.81)
1.80
6.9
20
8.5
9.5
.71 (18)
.30 (7.6)
.25 (6.4)
Note: (1) Nominal bare wire diameter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com