Electronic Components Datasheet Search
  English  ▼

X  

HM77 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM77
Description  Low Profile Surface Mount Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM77 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM77 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM77 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM77 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM77 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
6-173
Model HM77 Series
• High performance low loss powder iron core is excellent for high frequency applications
• Low profile, designed for machine placement
• Compatible with vapor phase and infrared reflow soldering
• Custom designs available
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-40°C to +130°C
Ambient Temperature, Maximum
80°C
Insulation System
Class B, 130°C
Temperature Rise, Maximum
50°C
Specifications subject to change without notice.
Last Update: 04/28/2003.
MODEL HM77 SERIES
Low Profile
Surface Mount Inductors
1
2
FEATURES AND BENEFITS
APPLICATIONS
• Laptop and notebook computers
• DC/DC converter in distributed power system
• Output ripple current filter
ELECTRICAL / ENVIRONMENTAL
SCHEMATIC


Similar Part No. - HM77

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
logo
Bi technologies
HM77-10001LF BITECH-HM77-10001LF Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
HM77-10001LF BITECH-HM77-10001LF Datasheet
883Kb / 2P
Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77-10001LF TTELEC-HM77-10001LF Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
More results

Similar Description - HM77

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
HM73 ETC1-HM73 Datasheet
370Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM77 BITECH-HM77 Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
logo
API Delevan
LP4040R API-LP4040R_10 Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
Low Profile Surface Mount Inductors
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com