Electronic Components Datasheet Search
  English  ▼

X  

1180-01 Datasheet(PDF) 4 Page - ETAL Group

Part # 1180-01
Description  Protection of loads in power distribution systems in control cabinets and process control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1180-01 Datasheet(HTML) 4 Page - ETAL Group

  1180-01 Datasheet HTML 1Page - ETAL Group 1180-01 Datasheet HTML 2Page - ETAL Group 1180-01 Datasheet HTML 3Page - ETAL Group 1180-01 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1180-...
www.e-t-a.de
1636
4
1
This is a metric design and millimeter dimensions take precedence ( mm )
inch
1
9
13
10
7
8
11
12
Accessories - Terminal block with spring-loaded terminals
86.5
Dimensions X 222 316 01
3.41
1
Label for circuit breaker 1180, surface for marking 4.5 x 5 mm
(packaging quantity 120 pcs)
Y 307 374 01
7
Terminal block for DIN rail mounting, with spring-loaded
terminals up to 4 mm2 conductor, width 8.2 mm, dimensions
68.5 x 36.5 x 8.2 mm, headroom over the upper rail edge
with circuit breaker fitted (OFF position) 82 mm.
Approvals: UL File E197598
X 222 316 01
8
Terminal block for DIN rail mounting see item 7, but with
LED DC 24 V (lighted after tripping); current rating LED 2 mA
Approvals: UL File E197598
X 222 315 02
9
Jumper 2pole, max. current rating 32 A for terminal blocks
items 7 and 8 and feed supply terminal item 11.
X 222 318 01
10 Jumper 3pole, max. current rating 32 A for terminal blocks
items 7 and 8 and feed supply terminal item 11.
X 222 318 02
11 Feed supply terminal with spring-loaded terminals
up to 6 mm2 conductor, width 8.2 mm, suitable for use with
jumpers items 9 and 10 (power distribution).
X 222 317 01
12 Cover for feed supply terminal item 11 for closing the open
side at the end of an assembly.
Y 307 507 01
13 Label for terminal block items 7 and 8,
and feed supply terminal item 11,
surface for marking 7.5 x 5 mm
(packaging quantity 50 pcs)
Y 307 508 01
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Vibration
with terminal blocks X 222 316 01
and X 222 315 02
vibration axis 3-4:
3 g (57-500 Hz), ± 0.38 mm (10-57 Hz)
other axes:
5 g (57-500 Hz), ± 0.38 mm (10-57 Hz)
to IEC 60068-2-6, test Fc, 10 frequency cycles/axis
and EN 50155
Shock
with terminal blocks X 222 316 01
and X 222 315 02
25 g (11 ms)
to IEC 60068-2-27, test Ea



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com