Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG108 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9FG108
Description  Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG108 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9FG108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 9Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 10Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 11Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 12Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS9FG108
Advance Information
0823—04/02/04
Ordering Information
ICS9FG108yFLF-T
Example:
INDEX
AREA
INDEX
AREA
1 2
N
D
h x 45°
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
e
- C -
b
.10 (.004) C
.10 (.004) C
c
L
MIN
MAX
MIN
MAX
A
2.41
2.80
.095
.110
A1
0.20
0.40
.008
.016
b
0.20
0.34
.008
.0135
c
0.13
0.25
.005
.010
D
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291
.299
e
h
0.38
0.64
.015
.025
L
0.50
1.02
.020
.040
N
α
0°
8°
0°
8°
MIN
MAX
MIN
MAX
48
15.75
16.00
.620
.630
10-0034
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
0.635 BASIC
0.025 BASIC
Reference Doc.: JEDEC Publication 95, MO-118
VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
Designation for tape and reel packaging
Lead Free (if required)
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
ICS XXXX y F - LF T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com