Electronic Components Datasheet Search
  English  ▼

X  

2048 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2048
Description  DC/ACvoltage to 600V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2048 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2048 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B&K Precision Corporation
22820 Savi Ranch Parkway, Yorba Linda, CA 92887
Tel: 714-921-9095, Fax: 714-921-6422
www.bkprecision.com
Specifications subject to change without notice
Data Sheet
Models 2405A,
2407A, 2408
Mini-Pro® Multimeters
2408
2405A
2407A
The Model 2408
features a unique non-
contact voltage indicator.
Light and sound denote the
presence of AC voltage from
70V to 480VAC @50 - 60Hz.
This eliminates the need for
an extra tool to carry in
your tool box.
The Mini-Pro® multimeters are a professional quality multimeter at low cost.
Three new meters with a price point that will put them in every toolbox and
field service kit. The unique design fits easily in the palm of your hand and CE
approval ensures safe operation. Manual and autoranging models offer the
basic functionality needed to do 90% of most required testing.
These meters are the best value for any hobbies. No home should be without
one!
Common Features:
■ DC/ACvoltage to 600V
■ DC current to 10A
■ Resistance to 20MΩ (model 2407A 31MΩ)
■ Diode test
■ Low battery indicator
■ CE approved
Basic Functions
Display Counts
2000
3200
2000
Basic DC Accuracy
2.0%
1.2%
1.2%
Ranging
Manual
Auto
Manual
Current
10A DC
10A AC/DC
10A AC/DC
1.5V & 9V Battery Test
√
Auto Zeroing
√√
Bar Graph
√
Auto Power Off
√
Continuity
√√
Data Hold
√√
Max. Hold
√
Non-contact Voltage Indicator
√
Features
models
2405A
2407A
2408
Voltage range
0 to +40KV DC
Input Impedance
600MΩ, nominal
Accuracy
±3% of full scale.
Calibration
Internal, factory calibrated at 25KV
Size
16.5 x 2.125 x 2" with a 34" long ground cord
(419 x 54 x 50mm with a 86.4cm long ground cord)
Probe Tips
Two interchangeable tips; one round needle type,
one special flat spring type for easy access to CRT anode.
Specifications
model
HV-44A
Model HV-44A
40KV High Voltage Probe Meter
The HV-44A is a self-contained instrument that measures high DC voltages up to
+40KV. This probe is typically used to measure high voltages in TV sets, power
supplies, laboratories and for general high voltage commercial applications.
One Year Warranty
HV-44A


Similar Part No. - 2048

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2048 SCHURTER-2048 Datasheet
344Kb / 2P
UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
logo
Belden Inc.
2048 BELDEN-2048 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
2048 ADAFRUIT-2048 Datasheet
384Kb / 1P
Potentiometer Knob - Soft Touch T18 - Blue
5-5-17
logo
Keystone Electronics Co...
2048 KEYSTONE-2048 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
ERNI Electronics
204818 ERNI-204818 Datasheet
49Kb / 1P
SVA 10-polig EE
More results

Similar Description - 2048

ManufacturerPart #DatasheetDescription
logo
Sensitron
SSR050D060 SENSITRON-SSR050D060 Datasheet
278Kb / 9P
600V, 50A, Solid State DC Contactor
logo
AVX Corporation
1812AC223KAT1A AVX-1812AC223KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1812HC471KAT1A AVX-1812HC471KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
Voltage ratings: 200V to 600V
logo
HY ELECTRONIC CORP.
GBJ1006U HY-GBJ1006U Datasheet
49Kb / 2P
Rating to 600V PRV
GBJ1506L HY-GBJ1506L Datasheet
48Kb / 2P
Rating to 600V PRV
GBJ1506U HY-GBJ1506U Datasheet
49Kb / 2P
Rating to 600V PRV
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
VPU II 2 PV 600V DC
1351320000 WEIDMULLER-1351320000 Datasheet
334Kb / 4P
VPU II 0 PV 600V DC
logo
Marathon Special Produc...
6SJ60AXIC MARATHON-6SJ60AXIC Datasheet
516Kb / 3P
60A, 600V AC/DC
10/06/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com