Electronic Components Datasheet Search
  English  ▼

X  

2511 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2511
Description  60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2511 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2511 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2511 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2511 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2511 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2511 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2511 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2511 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.bkprecision.com
Handheld Digital Storage Oscilloscopes
2510 Series
2
5.7” color display
Scope and meter
mode buttons
Recorder function button
Use the scope recorder or trend
plot functions to log oscilloscope
or multimeter measurements.
Trigger menu button
Multimeter input terminals
Dedicated terminals provided for
current measurements.
Scope input terminals
Durable rubber bezel
Provides grip and protection
against accidental bumps.
Auto setup
Vertical, horizontal, and trigger
controls are automatically adjusted
for fast signal display.
CH2 selection button
CH1 selection button
CH2 vertical controls
Horizontal controls
CH1 vertical controls
Á
Side View
Front Panel
DC power
adapter input
USB host port
Connect your USB flash drive to
conveniently store and recall waveform
data, setups, and screenshots.
Mini USB device port
Compensate your probe or
enable remote control from a PC.
USB ports
Top View



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com