Electronic Components Datasheet Search
  English  ▼

X  

2553 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 2553
Description  Bandwidth up to 300 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2553 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  2553 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2553 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2553 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2553 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2553 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2553 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
v022615
6
www.bkprecision.com
Digital Storage Oscilloscopes
2550 Series
Specifications
2552
2553
2554
2555
2556
2557
2558
2559
Hardware Frequency Counter
Reading Resolution
6 digits
Accuracy
± 0.01%
Range
DC couple, 10 Hz to MAX bandwidth
Signal Types
Satisfying all trigger signals (except pulse width trigger and video trigger)
Waveform Math and Measure
Math Operation
Add, Subtract, Multiply, Divide, FFT
FFT
Window mode: Hanning, Hamming, Blackman, Rectangular
Sampling points: 1024
Measure
Vpp, Vmax, Vmin, Vamp, Vtop, Vbase, Vavg, Mean, Crms, Vrms, ROV, FOV, RPRE, FPRE,
FREQ, Period, Rise Time, Fall Time, BWid, + Wid, - Wid, + Duty, - Duty, Phase, FRR, FRF,
FFR, FFF, LRR, LRF, LFR, LFF
Cursors
Types
Voltage, Time
Measurements
ΔV,ΔT,1/ΔT(frequency)
Display System
Display
7 in. Color TFT, 480 x 234 resolution, 64K color
Display Contrast (Typical state)
150:1
BacklightIintensity (Typical state)
300 nit
Wave Display Range
8 x 18 div
Wave Display Mode
Dots, Vector
Persistence
Off, 1 sec, 2 sec, 5 sec, Infinite
Menu Display
2 sec, 5 sec, 10 sec, 20 sec, Infinite
Screen-Saver
Off, 1 min, 2 min, 5 min, 10 min, 15 min, 30 min, 1 hr, 2 hr, 5 hr
Waveform Interpolation
Sin(x)/x, Linear
Color Mode
Normal, Invert
Environmental and Safety
Temperature
Operating: 50° F to 104 °F (10 °C to +40 °C)
Not operating: -4 °F to 140 °F (-20 °C to +60 °C)
Humidity
Operating: 85%RH, 104 °F (40 °C), 24 hours
Not operating: 85%RH, 149 °F (65 °C), 24 hours
Altitude
Operating: 9,842.5 ft (3,000 m)
Not operating: 50,085.3 ft (15,266 m)
Electromagnetic Compatibility
EMC Directive 2004/108/EC,
EN61326:2006
Safety
Low voltage directive 2006/95/EC, EN61010-1:2001
General
Power Requirements
100-240 VAC, CAT II, 50 VA max, 45 Hz to 440 Hz
Dimensions (W x H x D)
14.1” x 6.14” x 4.65” (358 x 156 x 118 mm)
Weight
2-channel models: Approx. 9.5 lbs (4.3 kg)
4-channel models: Approx. 9.9 lbs (4.5 kg)
Three-Year Warranty
Supplied Accessories
User manual, passive probes (one per channel), power cord, certificate of calibration, USB (Type A to B) communication cable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com