Electronic Components Datasheet Search
  English  ▼

X  

2555 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2555
Description  Bandwidth up to 300 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2555 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2555 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2555 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2555 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2555 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2555 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2555 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.bkprecision.com
Digital Storage Oscilloscopes
2550 Series
3
The tools you need
Display and measure the input signal’s frequency spectrum. Select
one of the 4 FFT windows: Rectangular, Hanning, Hamming, and
Blackman. Use cursors to measure the spectral component’s
magnitude and frequency.
Monitor and analyze long-term signal behavior by recording data
continuously over an extensive period of time and playing it back for
post acquisition analysis. Data is recorded in a sequence of up to
2500 frames.
Minimize debug time by saving and recalling setups and waveforms
from internal memory. Save and recall up to 20 different oscilloscope
setups and 20 different waveforms.
Filter out unwanted signal components such as various types of noise
with built-in digital filters. Choose from Low-Pass, High-Pass,
Band-Pass, and Band-Stop filters.
Generate user-defined pass/fail limits to quickly identify go/no go
test results.
Use the oscilloscope’s delayed sweep feature to zoom in a particular
area of a signal in real time while viewing the entire captured
waveform simultaneously.
Powerful measurement functions
Digital filtering
Waveform recorder
Delayed sweep/zoom
Large internal storage
Pass/Fail testing
Filter OFF
Filter ON



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com