Electronic Components Datasheet Search
  English  ▼

X  

2704C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2704C
Description  Magnetic hanger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2704C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2704C Datasheet HTML 1Page - List of Unclassifed Manufacturers 2704C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
Technical data subject to change
© B&K Precision Corp. 2013
Page 1 of 2
w w w.bk prec ision.c om
Measures common-
emitter gain.
hFE Transist or Test
The 2704C has all of the functionality for basic DMM applications including
some high end features you might not expect. The 2000 count LCD can display
resistance values up to 2 GΩ, capacitance to 20 uF or a transistors
common-emitter gain value up to 1000. Value-packed features make this meter a
must in every "Tool Kit
®".
Features
I
Magnetic hanger
I
DC voltage to 1000 V
I
AC voltage to 750 V
I
Resistance to 2000 MΩ
I
Capacitance to 20 uF
I
Continuity test
I
Diode test
I
Logic test
I
hFE Transistor test
I
One-handed operation
I
Measures up to 10 A (AC & DC)
D C Volts
Ranges
200 mV, 2 V, 20 V, 200 V, 1000V
Resolution
0.1 mV, 1 mV, 10 mV, 100 mV, 1 V
Accuracy
±(0.8 % rdg + 1 dgts)
Input Impedance
10 MΩ
Overload Protection
1000 VDC or 750 VACrms*
A C Volts (50 Hz -500 Hz )
Ranges
200 mV, 2 V, 20 V, 200 V, 750V
Resolution
0.1 mV, 1 mV, 10 mV, 100 mV, 1 V
Accuracy
200 mV & 20 V ranges: ±(1.5 % rdg + 5 dgts)
200 V & 750 V ranges: ±(2.0 % rdg + 5 dgts)
Input Impedance
10 MΩ
Overload Protection
1000 VDC or 750 VACrms*
D C Cu rrent
Ranges
20 mA, 200 mA, 10 A
Resolution
10 uA, 100 uA, 10 mA
Accuracy
20 mA to 200 mA ranges: ±(1.0 % rdg + 1 dgts)
10 A range: ±(3.0 % rdg + 3 dgts)
Input Protection
0.5 A/500 V & 10 A/600 V fast blow ceramic fuses
10A Input
10 A for 60 sec max. followed by a 10 minute cooling period
*= 600 VDC/Acrms for 15 seconds on 200 mV range
AC Curren t (50 Hz-500 H z)
Ranges
20 mA, 200 mA, 10 A
Resolution
10 uA, 100 uA, 10 mA
Accuracy
20 mA to 200 mA ranges: ±(2.0 % rdg + 5 dgts)
10 A range: ±(3.0 % rdg + 5 dgts)
Input Protection
0.5 A/500 V & 10 A/600 V fast blow ceramic fuses
10A Input
10 A for 60 sec max. followed by a 10 minute cooling period
Resis tan ce
Ranges
200 Ω, 2 kΩ, 200 kΩ, 20 MΩ, 2000 MΩ
Resolution
0.1 Ω, 1.0 Ω, 100 Ω, 10 kΩ, 1 MΩ
Accuracy
200 Ω to 200 kΩ ranges: ±(1.0 % rdg + 4 dgts)
20 MΩ range: ±(2.0 % rdg + 4 dgts)
2000 MΩ range: ±(5.0 % rdg + 10 dgts)
Open Circuit Voltage (typical) 0.3 VDC (3.0 VDC on 200 Ω, 2000 MΩ range)
Overload Protection
500 VDC/ACrms
Capacitance
Ranges
2 nF , 20 nF, 200 nF, 2.0 uF, 20 uF
Resolution
1 pF, 10 pF, 100 pF, 1 nF, 10 nF
Accuracy
±(4 % rdg + 10 dgts)
Overload Protection
Discharge capacitor before connecting
Fre qu ency
Ranges
2 kHz, 20 kHz, 200 kHz, 2 MHz, 20 MHz
Resolution
1 Hz, 10 Hz, 100 Hz, 1 kHz, 10 kHz
Accuracy
±(0.1 % rdg + 3 dgts)
Sensitivity
2.0 Vrms minimum
Minimum Pulse Width
>25 ns
Duty Cycle Limits
>30 % and <70 %
Overload Protection
500 VDC/AC rms
Diode Te st
Test Current
1.0 mA (typical)
Resolution
10 mV
Accuracy
±(1.5 % rdg + 3 dgts)
Open Circuit Voltage
3.0 VDC (typical)
Overload Protection
500 VDC/ACrms
Con tinuity
Audible Indication
Less than 100 Ω
Response Time
100 ms
Overload Protection
500 VDC/ACrms
Transis tor hFE
Range
0 to 1000
Base Current
Approximately 10 uADC (VCE = 3.0 VDC)
Logic Te st
Threshold
Logic Hi (2.8 V ±0.8 V) / Logic Lo (0.8 V ±0.5 V)
Indication
40 msec beep at logic Lo
Overload Protection
500 VDC/AC rms
General
Display
3 1/2 digit, 2000 count LCD
Polarity
Automatic, positive implied, negative polarity indication
Overrange
OL or -OL is displayed
Low Battery Indication
Battery symbol will display when battery voltage drops below
operating levels
Measurement Rate
2.5 times per second
Operating Environment
0ºC to 50ºC at <70 % relative humidity
Storage Environment
-20ºC to 60ºC at 0 to 80 % relative humidity
Accuracies
Stated accuracy at 23ºC +5ºC at <75 % relative humidity
Temperature Coefficient
0.1 x (specified accuracy) per ºC. (ºC to 18ºC, 28ºC to 50ºC)
Power
Single standard 9 volt battery, NEDA 1604, JIS 006P, IEC 6F22
Battery Life
150 hours typical
Dimensions
165 mm (H) x 78 mm (W) x 42.5 mm (D)
Weight
Approximately 10 oz. (285 g) with battery and hanger
Specifications
2704C
model
Supplied Accessories: User manual, one set of test leads, one spare fuse, and 9V battery (installed)
Three-Year Warranty
Manual Ranging Tool Kit® DMM with Transistor Test
Model 2704C


Similar Part No. - 2704C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2704C ETC2-2704C Datasheet
1Mb / 2P
Magnetic hanger
logo
B&K Precision Corporati...
2704C BK-2704C Datasheet
1Mb / 2P
Auto Ranging True RMS Tool Kit DMM
More results

Similar Description - 2704C

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
XX-EH ATM-XX-EH Datasheet
80Kb / 1P
OUTLINE, W/G CLAMP/HANGER, TABULATED
logo
List of Unclassifed Man...
CH-3-10 ETC2-CH-3-10 Datasheet
33Kb / 1P
CABLE HANGER
logo
Molex Electronics Ltd.
1302261713 MOLEX11-1302261713 Datasheet
43Kb / 1P
Hanger Kit for 10F/15F/22F Series
1301170053 MOLEX11-1301170053 Datasheet
31Kb / 1P
Standard Box Track System, Joint Hanger
1301180015 MOLEX11-1301180015 Datasheet
31Kb / 1P
Box Track, Festoon Joint Hanger
logo
List of Unclassifed Man...
2703C ETC2-2703C Datasheet
1Mb / 2P
Magnetic hanger
2705B ETC2-2705B Datasheet
1Mb / 2P
Magnetic hanger
2707B ETC2-2707B Datasheet
1Mb / 2P
Magnetic hanger
2708B ETC2-2708B Datasheet
2Mb / 2P
Magnetic hanger
2709B ETC2-2709B Datasheet
1Mb / 2P
Magnetic hanger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com