Electronic Components Datasheet Search
  English  ▼

X  

2559 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2559
Description  Bandwidth up to 300 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2559 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2559 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2559 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2559 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2559 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2559 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2559 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.bkprecision.com
Digital Storage Oscilloscopes
2550 Series
2
Widescreen display
The 7" widescreen color
display lets you see more
of your signal.
Waveform analysis
with math and FFT
Analyze your signals with
add, subtract, multiply,
and divide functions. View
the signal’s frequency
spectrum and perform
harmonic distortion analysis.
Menu On/Off button
Configure the menu parameters
and hide the menu with the push
of a button to view your signal in
full screen.
Context sensitive help
A pop up window will display
the functionality of a control
while help mode is active.
Auto setup
Vertical, horizontal, and
trigger controls are
automatically adjusted for
fast signal display.
USB host port
Connect your USB flash
drive to conveniently store
and recall waveform data,
setups, and screenshots.
Print button
Simply press the Print
button to save a screen-
shot in bitmap format to
a USB flash drive.
Intuitive channel operation
All channels in the 2550 series
are clearly indicated by their own
color, labeled on the input, knobs,
and display.
Advanced triggering
Isolate the signal with
advanced triggering
including pulse width and
selectable video trigger.
Kensington security slot
Helps to secure your
oscilloscope and prevent theft.
USB host port
Additional USB port on rear
for data storage to a USB flash
drive.
Communication
LAN and USB ports
enable remote control
from a PC.
Pass/Fail BNC
AC line power switch
Input fuse holder
AC line input
Front panel
Rear panel
Power
standby
Probe
compensation
Terminal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com