Electronic Components Datasheet Search
  English  ▼

X  

5491B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5491B
Description  Up to 50,000 count display resolution
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5491B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5491B Datasheet HTML 1Page - List of Unclassifed Manufacturers 5491B Datasheet HTML 2Page - List of Unclassifed Manufacturers 5491B Datasheet HTML 3Page - List of Unclassifed Manufacturers 5491B Datasheet HTML 4Page - List of Unclassifed Manufacturers 5491B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.bkprecision.com
True RMS Bench Multimeters
Models 2831E and 5491B
Versatile tools
L
The 2831E and 5491B are programmable via
USB and RS232 (5491B only) interface using
industry standard SCPI commands. Users can
control and configure the instrument from a
remote PC and retrieve measurement results for
further analysis. The meters can also be remotely
controlled using application software (download-
able from the B&K website), which supports front
panel emulation and data logging of
measurement results.
Increase Productivity with PC
Connectivity
The limit operation lets you set and control the
values that determine a HI / IN / LO status of
subsequent measurements. The meter can be
configured to emit an audible alarm when
readings are outside of the configured limit.
Limit Operation
Rear panel
These meters offer a dual display allowing
multiple measurements to be conveniently
displayed at once. The display values could be
two different measurements or one measurement
expressed in different units. For example, you can
simultaneously read an AC voltage and a
frequency value or a DC voltage value expressed
in volts and in dB.
Dual Display
Sheathed safety
banana input jacks
Front panel fuse
compartment for
easy fuse
replacement
Durable rubber bumpers for
added protection and ability
to stack multiple instruments
Soft rubber control
buttons
Bright VFD display capable of
displaying two measurements
AC receptacle protected with
110/220V selectable line fuse
Earth ground
connection
RS232 Interface
(5491B)
USB communication
interface
Easy operation
L
Application software screenshot



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com