Electronic Components Datasheet Search
  English  ▼

X  

4013B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4013B
Description  Sine and square waveforms up to 12 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4013B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4013B Datasheet HTML 1Page - List of Unclassifed Manufacturers 4013B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.bkprecision.com
DDS Function Generators
Models 4007B and 4013B
2
Specifications
4007B
4013B
Frequency Characteristics
Sine
0.1 Hz to 7 MHz
0.1 Hz to 12 MHz
Square
0.1 Hz to 7 MHz
0.1 Hz to 12 MHz
Triangle
0.1 Hz to 1 MHz
Resolution
5 digits or 100 mHz
Accuracy
0.01% ± 0.186 Hz
Output Characteristics
Amplitude Range
20 mVpp to 20 Vpp (open circuit);
10 mVpp to 10 Vpp (into 50 Ω)
Amplitude Resolution
3 digits (1,000 counts)
Amplitude Accuracy
± 2 % ± 20 mV of programmed output from 1.01 V – 10 V
Flatness
± 1 dB to 7 MHz
± 1 dB to 12 MHz
DC Offset Range
-4.5 V to 4.5 V (into 50 Ω)*
DC Offset Resolution
10 mV, 3 digits
DC Offset Accuracy
± 2 % ± 10 mV (into 50 Ω)
Output Impedance
50 Ω ± 2%
Output Protection
Protected against short circuit or accidental overvoltage practically available in
electronic laboratories, applied to the main output connector
Waveform Characteristics
Harmonic Distortion
(at 10 Vp-p into 50 Ω)
DC - 100 kHz, -55 dBc
100 kHz - 1 MHz, < -45 dBc
1 MHz – 7 MHz, <-30 dBc
DC - 100 kHz, -55 dBc
100 kHz - 1 MHz, < -45 dBc
1 MHz – 12 MHz, <-30 dBc
Square Rise/Fall Time
≤ 20 ns (10% to 90% at full amplitude into 50 Ω)
Duty Cycle
Adjustable 20% - 80% up to 1 MHz for square
Symmetry Accuracy at 50%
± 1%
Sweep Characteristics
Sweep Shape
Linear or Logarithmic, up or down
Sweep Time
20 ms to 100 s
Input and Output
Sync Out
TTL pulse at programmed frequency; 50 Ω source impedance
General
Memory Storage
9 instrument settings
Power Requirements
100 V – 240 V AC ± 10%
Operating Temperature
0 °C to 50 °C (32 °F to 122 °F)
Storage Temperature
-10 °C to 70 °C (14 °F to 158 °F)
Humidity
95% R.H. 0 °C to 30 °C
Dimensions (W x H x D)
8.39” x 3.46” x 8.27” (213 x 88 x 210 mm)
Weight
4.4 lbs (2 kg)
Electromagnetic Compatibility
Meets EMC Directive 2004/108/EC, EN55011, EN55082
Safety
Meets Low Voltage Directive 2006/95/EC, EN61010
Three-Year Warranty
Supplied Accessories
Manual on CD, power cord, certificate of calibration
*Depending on the amplitude setting
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over an ambient temperature range of 23 ºC ± 5 ºC.
Specifications are subject to change without notice.
v091814



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com