Electronic Components Datasheet Search
  English  ▼

X  

4063 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 4063
Description  14-bit, 500 MSa/s, 512k point (Ch2 only) arbitrary waveform generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4063 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  4063 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4063 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4063 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4063 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4063 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Sweep Characteristics
Waveforms
sine, square, ramp, arbitrary (except DC)
Sweep Shape
linear or logarithmic, up or down
Sweep Time
1 ms – 500 s ± 0.1%
Sweep Trigger
internal, external, manual
Inputs and Outputs
Output Impedance
50
Ω, high impedance
Sync Out
TTL compatible
> 50 ns width, not adjustable
50
Ω (typical) output impedance
10 MHz max. frequency
Modulation In
± 5 V for 100% modulation
> 10 k
Ω input impedance
max. voltage input: + 5 V
External Clock In
Frequency Range: 10 MHz ±1 kHz
Min. Voltage Input: 2.3 V
External Clock Out
Frequency: 10 MHz
Voltage Level: >1 Vpp
Ext Trig/Gate/FSK/Burst
TTL compatible
max. voltage input: + 5 V
Frequency Counter
Measurement
frequency, period, positive/negative pulse width,
duty cycle
Measurement Range
100 mHz – 200 MHz
Frequency Resolution
6 bits
Voltage Range (non-modulated signal)
DC Coupling
DC offset range: ± 1.5 VDC
100 mHz – 100 MHz, 50 mVrms - ± 2.5 V
100 MHz – 200 MHz, 100 mVrms - ± 2.5 V
AC Coupling
1 Hz – 200 MHz, 100 mVrms – 5 Vpp
Pulse Width/Duty Cycle
Voltage Range
50 mVrms – 5 Vpp
Input Impedance
1 M
Ω
Coupling
AC, DC
Trigger Level Range
-3 V to +1.8 V
Environmental and Safety
Temperature
operating: 32 ºF – 104 ºF (0 °C – 40 °C)
storage: -4 ºF – 140 ºF (-20 °C – 60 °C)
Humidity
< 95º F (< 35 °C),
≤ 90 % RH
95 ºF – 104 ºF (35 °C – 40 °C),
≤ 60 % RH
Altitude
operating: below 9,842 ft (3,000 m)
storage: below 49,212 ft (15,000 m)
Electromagnetic
Compatibility
EMC Directive 2004/108/EC, EN61326:2006,
EN61000-3-2:2006+A2:2009, EN61000-3-3:2008
Safety
low voltage directive 2006/95/EC, EN61010-1:2001,
EN61010-031:2002+A1:2008
General
Display
4.3” TFT-LCD display, 480 x 272
Interfaces
USBTMC (standard), GPIB (optional), USB host port
Storage Memory
10 instrument settings, 32 arbitrary waveforms
AC Input
100 – 240 VAC ± 10%, 50 / 60 Hz ± 5%
100 – 120 VAC ± 10%, 45 – 440 Hz
Power Consumption
30 W max.
Dimensions (W x H x D)
10.3” x 4.1” x 13.5” (261 x 105 x 344 mm)
Weight
6.1 lbs (2.8 kg)
Three-Year Warranty
Standard Accessories
Getting started manual, full instruction manual on CD,
AC power cord, USB type A-to-type B cable, certificate
of calibration
Optional Accessories
USB-to-GPIB adapter (model AK40G)
v050515
5
www.bkprecision.com
Dual Channel Function/Arbitrary Waveform Generators
4060 Series
Model
4063, 4064 & 4065
Pulse
Pulse Width
12 ns minimum, 100 ps resolution, 1,000,000 s max
Rise/Fall Time
6ns – 6s(1), 100 ps resolution
Duty Cycle Range
0.0001 % to 99.9999 %
Overshoot
< 3%
Jitter (pk-pk)
< 100 ps rms (typical)
Burst
Waveform
sine, square, ramp, pulse, arbitrary (except DC)
Type
cycle (1 – 1,000,000 cycles), infinite, gated
Start/Stop Phase
0 ° – 360 °
Internal Period
1 µs – 1000 s ± 1%
Gated Source
external trigger
Trigger Source
internal, external, manual
Phase Offset
Range
-360 ° – 360 °
Resolution
0.1 °
Trigger Characteristics
Trigger Input
Input Level
TTL compatible
Slope
rising or falling, selectable
Pulse Width
> 50 ns
Input Impedance
> 5 k
Ω, DC coupling
Maximum Frequency
1 MHz
Input Latency
< 380 ns
Trigger Output
Voltage Level
TTL compatible
Pulse Width
> 60 ns (typical)
Output Impedance
50
Ω (typical)
Maximum Frequency
1 MHz
AM, FM & PM Modulation Characteristics
Carrier
sine, square, ramp, arbitrary (except DC)
Source
internal, external
Modulation Waveform
sine, square, ramp, noise, arbitrary (1 mHz – 50 kHz)
AM Modulation Depth
0% - 120%, 0.1% resolution
FM Frequency Deviation
0 – 0.5 x bandwidth, 1 mHz resolution
PM Phase Deviation
0 – 360 °, 0.1 ° resolution
ASK & FSK Modulation Characteristics
Carrier
sine, square, ramp, arbitrary (except DC)
Source
internal, external
Modulation Waveform
50% duty cycle square waveform (1 mHz – 1 MHz)
DSB-AM Modulation Characteristics
Carrier
sine, square, ramp, arbitrary (except DC)
Source
internal, external
Modulation Waveform
sine, square, ramp, noise, arbitrary (1 mHz – 50 kHz)
PWM Modulation Characteristics
Source
internal, external
Modulation Waveform
sine, square, ramp, arbitrary (except DC)
External Modulation
- 5 V to + 5 V (max. width deviation)
Duty Cycle
Modulating Frequency
1 mHz – 50 kHz
(1) depending on pulse width



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com