Electronic Components Datasheet Search
  English  ▼

X  

9115 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9115
Description  Multi-ranging operation (output up to max power rating within maximum voltage and
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9115 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9115 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.bkprecision.com
Multi-Range Programmable DC Power Supplies
9115 Series
3
The power supply output voltage and current
can be controlled from zero to full range by
either external DC voltage sources (0-5 V or 0-
10 V) or resistances (0-5 k
Ω or 0-10 kΩ). The
DB25 analog control interface also provides a
source for monitoring the voltage and current
output.
Parallel Configuration
Series Configuration
• Remote monitoring on iOS, Android or Windows 8 compatible tablets or smart phones via NI Data Dashboard for LabVIEW apps. Quickly develop a custom
dashboard consisting of one (smart phone) or several (tablet) indicators, charts or gauges to monitor your power supply.
• Log voltage, current and power values as well as time stamp, CV/CC and output status.
• Save and load list files to/from the power supply’s internal memory.
• Create an unlimited number of external list files to be executed from PC memory. Save and recall list files to/from the PC.
Application software
Master/Slave operation
External analog control interface
More than one unit of the same power supply
model can be connected in parallel or series
connection to increase the overall current or
voltage output respectively. Using the RS-485
interface, the power supplies can operate in
master/slave mode. In this mode, the master unit
can control all other power supplies connected
in parallel or series. Additionally, the RS-485
interface can be used for multi-unit control of
up to 31 daisy chained units.
The power supply is capable of programming the
slope of the output voltage during changes
between voltage settings by allowing users to set
the rising and falling edge times of the voltage.
The list mode feature lets users store, recall, and
run program sequences in the power supply’s
internal memory. A total of 10 steps can be
configured for each sequence (up to 10). These
sequences can then be saved into a program
configuration that can run one sequence after
another, which allows for a maximum of 100
steps in one program configuration.
Programmable voltage rise/fall times
Test sequence execution in list mode
(models 9115, 9115-AT, and 9116 only)
Easy-to-use interface
The numeric keypad, rotary knobs, and cursors
provide an easy way to set output levels quickly
and precisely. With a push of a button, the
display can be conveniently toggled between set
and measured voltage and current values.
Additionally, the power supplies provide internal
memory for storage of up to 100 different
instrument settings that can be set and recalled
via both the front panel and remote interfaces.
Flexible operation
PC software is provided for front panel emulation, generating and executing test sequences or logging measurement data without the need to write source code.
Additionally, this application software integrates with NI Data Dashboard for LabVIEW apps which allows users to create a custom dashboard on a tablet computer
or smart phone to remotely monitor 9115 Series power supplies via this PC software.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com