Electronic Components Datasheet Search
  English  ▼

X  

9182 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 9182
Description  Single and dual output models with up to 210W output power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9182 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  9182 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.bkprecision.com
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
5
Specifications
9171
9172
9173
9174
9181
9182
9183
9184
9185
Output Rating
Low Range
0-10 V,
0-10 A
0-35 V,
0-3 A
0-10 V,
0-10 A
0-35 V,
0-3 A
0-18 V,
0-8 A
0-10 V,
0-20 A
0-35 V,
0-6 A
0-100 V,
0-2 A
0-400 V,
0-0.5 A
High Range
0-20 V,
0-5 A
0-70 V,
0-1.5 A
0-20 V,
0-5 A
0-70 V,
0-1.5 A
0-36 V,
0-4 A
0-20 V,
0-10 A
0-70 V,
0-3 A
0-200 V,
0-1 A
0-600 V,
0-0.35 A
Number of Channels
1
1
2
2
1
1
1
1
1
Max Output Power
100 W
105 W
200 W
210 W
144 W
200 W
210 W
200 W
210 W
Line Regulation
Voltage
≤ 0.01 %+1 mV
Current
≤ 0.01 %+250 uA
Load Regulation1
Voltage
≤ 0.01 %+1 mV
Current
≤ 0.01 %+250 uA
Ripple and Noise
(20 Hz – 20 MHz)
Normal Mode
Voltage
≤ 0.35 mVrms
/ ≤ 3 mVpp
≤ 0.5 mVrms /
≤ 5 mVpp
≤ 0.35 mVrms
/ ≤ 3 mVpp
≤ 0.5 mVrms /
≤ 5 mVpp
≤ 0.35 mVrms /
≤ 3 mVpp
≤ 0.5 mVrms
/≤5 mVpp
≤ 1.5 mVrms /
≤ 15 mVpp
≤ 4.5 mVrms /
≤ 45 mVpp
Normal Mode
Current
≤ 2 mA rms
Common Mode
Current
≤ 1.5 uA rms
Programming /
Readback Resolution
Voltage
1 mV
2 mV
1 mV
2 mV
1 mV
2 mV
10 mV
20 mV
Current
1 mA
0.1 mA
1 mA
0.1 mA
1 mA
0.2 mA
0.1 mA
0.01 mA
Programming /
Readback Accuracy
±(% output+offset)
Voltage
≤ 0.05 %
+5 mV
≤ 0.05 %
+10 mV
≤ 0.05 %
+5 mV
≤ 0.05 %
+10 mV
≤ 0.05 %
+5 mV
≤ 0.05 %
+10 mV
≤ 0.05 %
+50 mV
≤ 0.05 %
+100 mV
Current
≤ 0.1 %
+2 mA
≤ 0.1 %
+1 mA
≤ 0.1 %
+2 mA
≤ 0.1 %
+1 mA
≤ 0.1 %
+2 mA
≤ 0.1 %
+5 mA
≤ 0.1 %
+2 mA
≤ 0.1 %
+1 mA
≤ 0.1 %
+0.1 mA
Temperature
Coefficient per °C
±(% output+offset)
Voltage
≤ 0.005 %+1 mV
≤ 0.005 %
+10 mV
≤ 0.005 %
+20 mV
Current
≤ 0.01 %+3 mA
Transient Response Time2
≤ 50 µs for output to recover to within 15 mV
≤ 100 µs for
output to
recover to within
50 mV
≤ 100 µs for
output to
recover to within
120 mV
Settling Time3
≤ 30 ms
Measurement Time
≤ 50 ms
OVP Accuracy
≤ 0.5 %+0.1 V
≤ 0.5 %+1 V
OCP Accuracy
≤ 0.5 %+0.1 A
OVP/OCP Response Time4
≤ 1 ms
Rising Time at Full Load / No Load
≤ 8 ms
≤ 10 ms
≤ 8 ms
≤ 10 ms
≤ 8 ms
≤ 10 ms
≤ 30 ms
≤ 40 ms
Falling Time at Full Load
≤ 8 ms
≤ 10 ms
≤ 8 ms
≤ 10 ms
≤ 8 ms
≤ 10 ms
≤ 30 ms
≤ 40 ms
Falling Time at No Load
≤ 250 ms
Stability (8 hrs)
±(% output+offset)
Voltage
≤ 0.02 %+2 mV
≤ 0.02 %
+10 mV
≤ 0.02 %
+20 mV
Current
0.1 %+1 mA
Notes:
1 With sense terminal connected.
2 Following a change in output current from full load to half load or vice versa.
3 Maximum time required for the output voltage to change from 1% to 99% or vice versa after receiving a VOLTage or VSET command via GPIB or USB interface.
4 Average time for output to start to drop after OVP/OCP condition occurs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com