Electronic Components Datasheet Search
  English  ▼

X  

IR2214SS Datasheet(PDF) 6 Page - International Rectifier

Part # IR2214SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2214SS Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2214SS Datasheet HTML 2Page - International Rectifier IR2214SS Datasheet HTML 3Page - International Rectifier IR2214SS Datasheet HTML 4Page - International Rectifier IR2214SS Datasheet HTML 5Page - International Rectifier IR2214SS Datasheet HTML 6Page - International Rectifier IR2214SS Datasheet HTML 7Page - International Rectifier IR2214SS Datasheet HTML 8Page - International Rectifier IR2214SS Datasheet HTML 9Page - International Rectifier IR2214SS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
AC Electrical Characteristics
VCC = VBS = 15V, VS = VSS and TA = 25°C unless otherwise specified.
Symbol
Definition
Min. Typ. Max. Units
Test Conditions
ton
Turn on propagation delay
220 440
660
VIN = 0 & 1
toff
Turn off propagation delay
220 440
660
VS = 0 to 1200V
tr
Turn on rise time (CLOAD=1nF)
—
24
—
HOP shorted to HON,
LOP shorted to LON,
tf
Turn off fall time (CLOAD=1nF)
—
7
—
Figure 7, 10
ton1
Turn on first stage duration time
120 200
280
Figure 8
tDESAT1
DSH to HO soft shutdown propagation delay at HO
2000 3300 4600
turn on
VHIN= 1
tDESAT2
DSH to HO soft shutdown propagation delay after
1050 —
—
VDESAT = 15V,Fig.10
Blanking
tDESAT3
DSL to LO soft shutdown propagation delay at LO
2000 3300 4600
turn on
VLIN = 1
tDESAT4
DSL to LO soft shutdown propagation delay after
1050 —
—
VDESAT = 15V,Fig.10
Blanking
tDS
Soft shutdown minimum pulse width of desat
1000 —
—
Figure 9
tSS
Soft shutdown duration period
5700 9600 13500
CL=TBD µF,
VDS=15V,Fig. 9
tSY_FLT,
DSH to SY_FLT propagation delay at HO turn on
— 3600
—
DESAT1
VHIN = 1
tSY_FLT,
DSH to SY_FLT propagation delay after blanking
1300 —
—
VDS = 15V, Fig. 10
DESAT2
tSY_FLT,
DSL to SY_FLT propagation delay at LO turn on
— 3050
—
DESAT3
VLIN = 1
tSY_FLT,
DSL to SY_FLT propagation delay after blanking
1050 —
—
VDESAT=15V,Fig.10
DESAT4
tBL
DS blanking time at turn on
— 3000
—
VHIN = VLIN = 1
VDESAT=15V,Fig.10
Dead-time/Delay Matching Characteristics
DT
Dead-time
—
330
—
Figure 11
MDT
Dead-time matching, MDT=DTH-DTL
—
—
75
External DT=0nsec
Figure 11
PDM
Propagation delay matching,
—
—
75
External DT>
Max(ton, toff) - Min(ton, toff)
ns
500nsec, Fig.7
T
VDS=15V, Fig 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com