Electronic Components Datasheet Search
  English  ▼

X  

DG77 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG77
Description  30VDC maximum switching voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG77 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG77 Datasheet HTML 1Page - American Electronic Components, inc DG77 Datasheet HTML 2Page - American Electronic Components, inc DG77 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG77A / B
industrial bistable (latching) power relay
Contacts
Contact number & arrangement
SPST-NO (1 Normally Open)
Contact material
AgSnO
2
Max. switching voltage
250VAC / 30VDC
Min. switching current / voltage
500mA/12VDC
Max. continuous current
60A, 80A
Max. switching current
60A, 80A
Max. switching power
60A; 15000VA / 1680W 80A: 20000VA / 2240W
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
9...48VDC
Operating range of supply voltage
See coil table 1
Rated power consumption
Single coil 60A: 1.2W / 80A: 1.5W
Twin coil 60A: 2.4W / 80A: 3W
Insulation
Insulation resistance
>1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 4000Vrms, 1min (50Hz)
between open contacts 1500Vrms, 1min (50Hz)
Creepage & Clearance 8mm
General Data
Operating time (max.)
mS 20
Release time (max.)
mS 20
Electrical Life
ops 1 x 104
Mechanical life
ops 1 x 106
Dimensions
L x W x H 38.6 x 33 x 17mm (see drawings for detail)
Weight
≤ 45g
Ambient temperature
storage -40 to 70°C
operating -40 to 70°C (Class F)
Shock resistance
Functional: 100m/s2 11mS; Destructive: 1000m/s2
Vibration resistance
10-55Hz: DA 1.5mm
Humidity
98%RH, 40°C
• Up to 80A /240VAC continuous rating
• 30VDC maximum switching voltage
• Single Coil & Twin Coil Latching
• Manual test lever
• Utility meters
• Automotive / Electric Vehicle Battery
Ref: DG77 090612JHM


Similar Part No. - DG77

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DG7-31 NXP-DG7-31 Datasheet
239Kb / 8P
LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES
3.3.1957
DG7-32 PHILIPS-DG7-32 Datasheet
362Kb / 11P
LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES TUBE
3.3.1957
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
Utility meters
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
DG721 VISHAY-DG721 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
More results

Similar Description - DG77

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXB070X43 LINEAGEPOWER-AXB070X43 Datasheet
629Kb / 14P
20-30Vdc input; 5.0 - 15.0Vdc Output; 70W
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
Maximum Clamp Voltage
logo
Sharp Corporation
PQ1CY1032ZPH SHARP-PQ1CY1032ZPH Datasheet
164Kb / 6P
Maximum switching current: 3.5A
logo
Emerson Network Power
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
48Vdc Input, 30Vdc 20A Output Full-brick
logo
Murata Manufacturing Co...
MHR0319SA306M70 MURATA-MHR0319SA306M70 Datasheet
153Kb / 2P
Maximum Working Voltage
MHR0319SA306G70 MURATA-MHR0319SA306G70 Datasheet
151Kb / 2P
Maximum Working Voltage
MHR0319SA305J70 MURATA-MHR0319SA305J70 Datasheet
151Kb / 2P
Maximum Working Voltage
logo
American Electronic Com...
DG38 AEC-DG38 Datasheet
279Kb / 3P
110VDC maximum switching voltage
DG38L AEC-DG38L Datasheet
306Kb / 2P
80VDC maximum switching voltage
DG76 AEC-DG76 Datasheet
633Kb / 4P
30V maximum DC switching voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com