Electronic Components Datasheet Search
  English  ▼

X  

DG79 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG79
Description  Custom Termination options inc shunts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG79 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG79 Datasheet HTML 1Page - American Electronic Components, inc DG79 Datasheet HTML 2Page - American Electronic Components, inc DG79 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG79 / DG79B
industrial bistable (latching) power relay
Contacts
Contact number & arrangement
SPST-NO, SPST-NC (as delivered condition)
Contact material
AgSnO
2
Max. switching voltage
250VAC / 30VDC
Min. switching current / voltage
500mA/12VDC
Max. continuous current
DG79: 100A / DG79B: 120A
Short circuit carrying capacity
3000A (Utilization Category UC3)
Max. switching power
DG79: 25000VA / DG79B: 30000VA
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC (typically 0.25 to 0.5mΩ)
Coil
Rated voltage
5...48VDC
Operating range of supply voltage
See coil table 1
Rated power consumption
Single coil 2.3W
Twin coil 4.6W
Insulation
Insulation resistance
>1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 4000Vrms, 1min (50Hz)
between open contacts 1800Vrms, 1min (50Hz)
Creepage & Clearance >8mm
General Data
Operating time (max.)
mS 20
Release time (max.)
mS 20
Electrical Life
ops 1 x 104
Mechanical life
ops 1 x 106
Dimensions
L x W x H 52 x 43 x 22mm (see drawings for detail)
Weight
approx. 80g (depending on options)
Ambient temperature
storage -40 to 85°C
operating -40 to 85°C (Class F)
Shock resistance
Functional: 100m/s2 11mS; Destructive: 1000m/s2
Vibration resistance
10-55Hz: DA 1.5mm
Humidity
98%RH, 40°C
• Up to 120A /240VAC continuous rating
• Custom Termination options inc shunts
• Single Coil & Twin Coil Latching
• Utility / Prepayment meters
• Automotive / Electric Vehicle Battery
• IEC 62055-31UC3
Ref: DG79 051514JHM


Similar Part No. - DG79

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
industrial bistable (latching) power relay
DG79-3021-70H-SL05-MIL WILLOW-DG79-3021-70H-SL05-MIL Datasheet
371Kb / 3P
industrial bistable (latching) power relay
DG79-3021-70H-SL05-P WILLOW-DG79-3021-70H-SL05-P Datasheet
371Kb / 3P
industrial bistable (latching) power relay
DG79-3021-70H-SL09-MIL WILLOW-DG79-3021-70H-SL09-MIL Datasheet
371Kb / 3P
industrial bistable (latching) power relay
DG79-3021-70H-SL09-P WILLOW-DG79-3021-70H-SL09-P Datasheet
371Kb / 3P
industrial bistable (latching) power relay
More results

Similar Description - DG79

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SH-1 MAJOR-LEAGUE-SH-1 Datasheet
101Kb / 2P
.100 cl Shunts
SH-2 MAJOR-LEAGUE-SH-2 Datasheet
318Kb / 2P
.079 cl Shunts
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
SHUNTS JUMPERS
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
logo
Ohmite Mfg. Co.
S-SERIES OHMITE-S-SERIES Datasheet
502Kb / 2P
High Current Shunts
logo
Riedon Powertron
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
Linx Technologies
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
Custom options available for high volume orders
12/14/12
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
DC Current Shunts
October 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com