Electronic Components Datasheet Search
  English  ▼

X  

DG79B Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG79B
Description  Custom Termination options inc shunts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG79B Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG79B Datasheet HTML 1Page - American Electronic Components, inc DG79B Datasheet HTML 2Page - American Electronic Components, inc DG79B Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
Material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
D
G
7
9
-
-
-
-
Model type
DG79
100A Rating
DG79B
120A Rating
Contact Material
30
-
AgSnO
2
see Table 1
Contact Arrangement
21
-
SPST-NO (1 Normally open) *
31
-
SPST-NC (1 Normally closed)*
* As delivered condition.
Cover Protection Category
7
-
Covered, dust cover
Terminations and mounting (refer to Dimensional Drawings)*
0H
-
PCB coil terminals + horizontal power terminals.
0V
-
PCB coil terminals + vertical power terminals.
1V
-
PCB coil terminals + vertical power terminals.
2V
-
PCB coil terminals + vertical power terminals with integral shunt.
(Use with “P” custom option to define shunt)
* Custom terminations available. Please contact factory.
Options
NIL
-
Standard
P***
-
Custom (*** = unique identifier)
DG79 / DG79B
industrial bistable (latching) power relay
Ref: DG79 0515141JHM
Coil Data
Table 1
DC Coil
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω) ±10%
Must operate
voltage
(VDC)
Operate pulse
length
(mS)
Single Coil
Twin Coil*
Single Coil
(2.3W)
Twin Coil*
(4.6W)
SL05
TL05
5
22
11 + 11
≥3.75
100
SL09
TL09
9
35
18 + 18
≥ 6.75
SL12
TL12
12
63
31 + 31
≥ 9.0
SL24
TL24
24
250
125 + 125
≥ 18.0
SL48
TL48
48
1002
501 + 501
≥ 36.0
* NB: For twin coil, latch & reset coils must not be powered simultaneously.
Twin Coil type can be used as single coil type by ignoring centre connection (Pin 2 - see Wiring Diagram, Fig. 3).
Other coil voltages available to special order, subject to minimum order quantity.
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com