Electronic Components Datasheet Search
  English  ▼

X  

HHC71C Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # HHC71C
Description  Dust Cover as standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

HHC71C Datasheet(HTML) 2 Page - American Electronic Components, inc

  HHC71C Datasheet HTML 1Page - American Electronic Components, inc HHC71C Datasheet HTML 2Page - American Electronic Components, inc HHC71C Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HHC71C
High power industrial relays
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Specifications are subject to change without notice. E&OE.
HHC71C 301008
Page 2 of 3
Coil Voltage Code
Nominal Voltage
Must Operate
Must Release
Voltage max.
Voltage min.
VDC
(Ω) ± 10%
VDC
VDC
1006
6
18
4.50
0.6
1009
9
40.5
6.75
0.9
1012
12
72
9.00
1.2
1024
24
288
18.00
2.4
1048
48
1125
36.00
4.8
1060
60
1800
45.00
6.0
1110
110
6050
82.50
11.00
Resistance
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
Resistance
Must Operate
Must Release
Voltage max.
Voltage min.
VAC
(Ω) ± 10%
VAC
VAC
5006
6
2.0
4.80
1.8
5009
9
4.4
7.2
2.7
5012
12
7.8
9.6
3.6
5024
24
31.0
19
7.2
5048
48
124.0
38.4
14.4
5110
110
650.0
88.0
33.0
5220
220
2600.0
176
66.0
Coil Data
Table 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com