Electronic Components Datasheet Search
  English  ▼

X  

HHC71E Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # HHC71E
Description  Dust Cover as standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

HHC71E Datasheet(HTML) 2 Page - American Electronic Components, inc

  HHC71E Datasheet HTML 1Page - American Electronic Components, inc HHC71E Datasheet HTML 2Page - American Electronic Components, inc HHC71E Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HHC71E
High power industrial relays
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Specifications are subject to change without notice. E&OE.
HHC71E 301008
Page 2 of 3
Coil Voltage Code
Nominal Voltage
Must Operate
Must Release
Voltage max.
Voltage min.
VDC
(Ω) ± 10%
VDC
VDC
1006
6
10
4.50
0.6
1009
9
22.5
6.75
0.9
1012
12
40
9.00
1.2
1024
24
160
18.00
2.4
1048
48
640
36.00
4.8
1060
60
1000
45.00
6.0
1110
110
3360
82.50
11.00
Resistance
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
Must Operate
Must Release
Voltage max.
Voltage min.
VAC
(Ω) ± 10%
VAC
VAC
5006
6
8.0
4.80
0.9
5009
9
17.5
7.2
1.3
5012
12
31.0
9.6
1.8
5024
24
124
19
3.6
5048
48
500
38.4
7.4
5060
60
780
48.0
9.0
5110
110
2600
88.0
16.5
Resistance
5220
220
10400
176
33
5380
380
31000
304
57
Coil Data
Table 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com