Electronic Components Datasheet Search
  English  ▼

X  

DG85M Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG85M
Description  automotive / industrial relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG85M Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG85M Datasheet HTML 1Page - American Electronic Components, inc DG85M Datasheet HTML 2Page - American Electronic Components, inc DG85M Datasheet HTML 3Page - American Electronic Components, inc DG85M Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DG85*M series
automotive / industrial relays
Ref: DG85*M 022112JHM
Coil Data
Table 1
Coil voltage
code
Nominal
voltage (VDC)
Coil resistance (Ω) ±10%
Must operate
voltage Max.
(VDC)
Must release
voltage min.
(VDC)
Parallel resistor (option)
(Ω) ±10%
SPST-NO
( DG85BM &
DG85CM )
SPDT
( DG85BM )
SPST-NO
( DG85BM &
DG85CM )
SPDT
( DG85BM )
1006
6
20
*
4.0
0.6
150
*
1009
9
45
*
6.0
0.9
330
*
1012
12
75
85
8.0
1.2
1000
1000
1024
24
250
305
16.0
2.4
2200
2200
1036
36
650
*
24.0
3.6
4700
*
1048
48
1100
*
32.0
4.8
10000
*
1110
110
5500
*
73.2
11.0
not available
not available
All specifications at 23°C ambient
* Contact factory for availability.
Page 2 of 4
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact
material
Contact
arrangement
Cover pro-
tection and
mounting
Coil code
Options
D
G
8
5
M
-
5
0
-
-
-
Series
B
-
25A @ 36VDC
C
-
60A @ 36VDC
see Table 1
Contact material
50
-
AgSnO
2
Options 1
Nil
-
No options
Contact arrangement
11
-
SPDT (1C/O, 1 Form C) DG85BM only)
21
-
SPST-NO (1N/O, 1 Form A)
Options 2
Nil
-
No options
Cover protection category
R
-
Integral resistor
7
-
in cover, dust cover - IP54
D
-
Integral diode +85, -86
9
-
Cover with plastic mounting bracket
DR
-
Integral diode reversed -85, +86
Connection mode
5
-
PCB Terminals (DG85BM only)
6
-
Flat Blades



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com