Electronic Components Datasheet Search
  English  ▼

X  

DG91 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG91
Description  micro 280 automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG91 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG91 Datasheet HTML 1Page - American Electronic Components, inc DG91 Datasheet HTML 2Page - American Electronic Components, inc DG91 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DG91
micro 280 automotive relay
Ref: DG91 091014JHM
Coil Data
Table 1
Coil
Voltage
Code
Nominal
Voltage
(VDC)
Coil
Resist-
ance
(Ω) ±10%
Must
Operate
Voltage
Max.
(VDC)
Must
Release
Voltage
min.
(VDC)
Parallel
Resistor
(optional)
(Ω)
Equivalent
Resist-
ance
(Ω)
Power
(W)
Resistor/
No Resis-
tor
Max. allowable
Overdrive (VDC)
23°C
85°C
1012
12
98
7.2
1.2
680
85.7
1.5 / 1.7
20
15
1024
24
385
14.4
2.4
2700
337
1.5 / 1.7
40
30
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
9
1
-
7
0
-
-
-
Contact material
70
-
AgSnOInO
See Table 1
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
6
-
Flat Blades 2.8mm QC’s
Options
Nil
-
No option
R
-
Resistor (see Table 1 for values)
D
-
Diode (+85 / -86)
DR -
Diode reversed (-85 / + 86) - standard
BD
-
Bidirectional diode
Specifications are subject to change without notice. E&OE.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com