Electronic Components Datasheet Search
  English  ▼

X  

LM6181IN Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181IN
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181IN Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM6181IN Datasheet HTML 15Page - National Semiconductor (TI) LM6181IN Datasheet HTML 16Page - National Semiconductor (TI) LM6181IN Datasheet HTML 17Page - National Semiconductor (TI) LM6181IN Datasheet HTML 18Page - National Semiconductor (TI) LM6181IN Datasheet HTML 19Page - National Semiconductor (TI) LM6181IN Datasheet HTML 20Page - National Semiconductor (TI) LM6181IN Datasheet HTML 21Page - National Semiconductor (TI) LM6181IN Datasheet HTML 22Page - National Semiconductor (TI) LM6181IN Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Typical Performance
Characteristics (Continued)
The large closed-loop gain configuration in
Figure 10 forces
the amplifier output into overdrive.
Figure 11 displays the
typical 30 ns recovery time to a linear output value.
The common-mode input of the circuit in
Figure 10 is ex-
ceeded by a 5V pulse resulting in a typical recovery time of
310 ns shown in
Figure 12. The LM6181 supply voltage is
±5V.
DS011328-24
FIGURE 8.
DS011328-25
FIGURE 9. Open-Loop Overdrive Recovery Time of
5 ns, and 25 ns from Test Circuit in
Figure 8
DS011328-26
FIGURE 10.
DS011328-27
FIGURE 11. Closed-Loop Overdrive Recovery
Time of 30 ns from Exceeding Output
Voltage Range from Circuit in
Figure 10
DS011328-28
FIGURE 12. Exceptional Output
Recovery from an Input that
Exceeds the Common-Mode Range
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com