Electronic Components Datasheet Search
  English  ▼

X  

KV2801 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # KV2801
Description  SILICON HYPERABRUPT TUNING VARACTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

KV2801 Datasheet(HTML) 1 Page - Advanced Semiconductor

  KV2801 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TA = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VR
IR = 10
µA
22
V
IR
VR = 20 V
100
µµµµA
CT3
VR = 3.0 V
f = 1.0 MHz
25
28
31
pF
CT8
VR = 8.0 V
f = 1.0 MHz
10
12
13.5
pF
CT20
VR = 20 V
f = 1.0 MHz
4.5
4.8
5.1
pF
∆∆∆∆C
T
VR = 3 to 20 V
f = 1.0 MHz
5.2
5.7
6.1
RATIO
Q
VR = 3.0V
f = 50 MHz
200
250
SILICON HYPERABRUPT TUNING VARACTOR
KV2801
DESCRIPTION:
The
ASI KV2801 is a Silicon
Hyperabrupt Tuning Varactor Diode
Designed for UHF Applications up to
800 MHz.The Cathode is Indicated by
a Color Band.
MAXIMUM RATINGS
IF
40 mA
VR
22 V
PDISS
200 mW @ TA = 25 °C
TJ
-55 °C to +175 °C
TSTG
-55 °C to +175 °C
PACKAGE STYLE DO-7


Similar Part No. - KV2801

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV2801 MICROSEMI-KV2801 Datasheet
121Kb / 4P
VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction
More results

Similar Description - KV2801

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
Hyperabrupt Junction Tuning Varactor
logo
Advanced Semiconductor
DKV6522 ASI-DKV6522 Datasheet
13Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR DIODE
KV2101 ASI-KV2101 Datasheet
25Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
KV2101-150 ASI-KV2101-150 Datasheet
28Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
KV2101A ASI-KV2101A Datasheet
24Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
AHV1001A ASI-AHV1001A Datasheet
22Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
AHV2000 ASI-AHV2000 Datasheet
16Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
SMV1229-001 ASI-SMV1229-001 Datasheet
22Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
AHV1001 ASI-AHV1001 Datasheet
51Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
logo
Skyworks Solutions Inc.
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com