Electronic Components Datasheet Search
  English  ▼

X  

DP6-OC Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DP6-OC
Description  industrial relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DP6-OC Datasheet(HTML) 1 Page - American Electronic Components, inc

  DP6-OC Datasheet HTML 1Page - American Electronic Components, inc DP6-OC Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DP6-OC
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 1 of 2
70 V
5 V
0.5 A / 70 V DC
1 mA
5...32 V
24-230 V AC: 50/60 Hz
AC:
≥ 0.2 U
n
DC:
≥ 0.1 U
n
0.3 W
5...32 V DC at 24 V
0.3 VA / 0.3 W
24 V AC/DC
1.0 VA / 1.0 W
230 V AC/DC
C250
600 V AC
3 000 V AC
2
10 kHz
5...32 V DC (for load up to 24 V DC - 15 KHz)
----
24 V AC/DC
----
230 V AC/DC
80 x 6.2 x 93.8 mm
40 g
-40...+70 oC
-40...+55 oC
IP 20
RTI
IEC 61810-7
Transistor - output
Max. switching voltage
DC
Min. switching voltage
DC
Rated load
DC1
Min. switching current
Input control c i rcuit
Rated voltage
DC
AC/DC
Turn-off voltage
Rated power consumption
Insulation
Insulation category
Insulation rated voltage
Rated insulation voltage I/O
Insulation pollution degree
General data
Max. switching frequency
Dimensions (L x W x H)
Weight
Ambient temperature
• storage
• operating
Protection category
Environmental protection
• Relays DP6-OC - with transistor output, rated load up to 0.5 A / 70 V DC
• 35 mm DIN rail mount, EN 50022,
wires connection with screw terminals - 0.2...4 mm2
• Adapted for the co-operation with interconnection strip type ZG20
• Equipped in LED green
• Recognitions, certificates, directives:


Similar Part No. - DP6-OC

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
industrial relays
More results

Similar Description - DP6-OC

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
Industrial Relays
logo
American Electronic Com...
DM84 AEC-DM84 Datasheet
109Kb / 4P
industrial relays
DM85 AEC-DM85 Datasheet
108Kb / 4P
industrial relays
DM87 AEC-DM87 Datasheet
128Kb / 5P
industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
industrial relays
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
industrial relays
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
industrial relays
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
industrial relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com