Electronic Components Datasheet Search
  English  ▼

X  

SRA3 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # SRA3
Description  Zero cross-over or Random switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

SRA3 Datasheet(HTML) 2 Page - American Electronic Components, inc

  SRA3 Datasheet HTML 1Page - American Electronic Components, inc SRA3 Datasheet HTML 2Page - American Electronic Components, inc SRA3 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Table 1
Fig. 5
SRA3*-10*-*
SRA3*-25*-*
SRA3*-40*-*
SRA3*-60*-*
SSR Series
SRA3*-20*-*
SRA3*-30*-*
SRA3*-80*-*
Current rating
≤ 20A
≤ 30A
≤ 40A
≤ 80A
Heat Sink
DHS05
DHS06
DHS07
DHS08 (or DHS09)
Heat Sink Rating °C/W
0.93
0.65
0.48
0.44 (0.39)
Fig.4
Ordering Code
S
R
A
3
Z
-
25
K
-
D
Switch Function
Z
-
Zero Crossover
R
-
Random
Load Current Rating
10
-
10A
20
-
20A
25
-
25A
30
-
30A
40
-
40A
60
-
60A
80
-
80A
Load Voltage
L
-
24 to 240VAC
K
-
40 to 480VAC
Control Voltage Input
A
-
90 to 250VAC
D
-
4 to 32VDC
Fig.3
Fig.2
Fig.7
Fig.8
Fig.6
Dimensions
SRA3
solid-state relay - three phase
Ref: SRA3 111716FEW
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552 +1 574-293-8013
Dimensions in inches (mm)
Specifications are subject to change without notice. E&OE.
DC Control
AC Control
0
10
20
30
40
50
60
70
80
90
-30
0
20
40
60
80
SRA3 Series I v T°C on recommended heat sink
10A
20A
25A
30A
40A
60A
80A
Ambient temperature °C
Fig.1
0
1
2
3
4
5
6
7
8
9
10
-30
0
20
40
60
80
SRA3 Series I v T°C no heat sink
10A
20A
25A
30A
40A
60A
80A
Ambient temperature °C
1/L1
3/L2
5/L3
2/T1
4/T2
6/T3
A1
A2
M5 x 6
M3 x 2
4.17 (106)
3.61 (91.8)
0.79 (20)
0.295 (7.5)
0.79 (20)
0.79 (20)
0.91 (23)
0.13 (3.35)
0.28 (7.1)
1/L1
3/L2
5/L3
A1~
2/T1
4/T2
6/T3
A2~
1/L1
3/L2
5/L3
A1+
2/T1
4/T2
6/T3
A2-
+
_
Control
1/L1
3/L2
5/L3
2/T1
4/T2
6/T3
A1
A2
Load Connections. Δ or Y
Load Output v Control Action( zero cross-over)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com