Electronic Components Datasheet Search
  English  ▼

X  

AS-SMD Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # AS-SMD
Description  MICROPROCESSOR CRYSTAL HC-49/US LOW PROFILE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

AS-SMD Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  AS-SMD Datasheet HTML 1Page - Raltron Electronics Corporation AS-SMD Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
OUTLINE DRAWING
MICROPROCESSOR CRYSTAL HC-49/S LOW PROFILE
330 mm REEL DIAMETER
24 mm TAPE WIDTH
12 mm PITCH
1000 PIECES PER REEL
RECOMMENDED SOLDER PATTERN
CARRIER TAPE DIMENSIONS
REFLOW SOLDERING PROFILE
SERIES AS-SMD
5.5
.217
.217
5.5
4.0
.16
Ø1.5 DIA
4.0
5.5
.217
12.0
.472
.157
Ø.059 DIA
STD
4.6 mm/.181 in
H32
3.2 mm/.126 in
H3
3.0 mm/.118 in
H25
2.5 mm/.100 in
HEIGHT "H" (MAXIMUM)
MARKING
AREA
0.406 MAX
10.30 MAX
3.80 MAX
0.150 MAX
0.38 MIN
0.015 MIN
13.50 MAX
0.531 MAX
“H”
12.0 MAX
0.472 MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com