Electronic Components Datasheet Search
  English  ▼

X  

LM2423 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2423
Description  220V Monolithic Triple Channel 15 MHz CRT DTV Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2423 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2423 Datasheet HTML 1Page - National Semiconductor (TI) LM2423 Datasheet HTML 2Page - National Semiconductor (TI) LM2423 Datasheet HTML 3Page - National Semiconductor (TI) LM2423 Datasheet HTML 4Page - National Semiconductor (TI) LM2423 Datasheet HTML 5Page - National Semiconductor (TI) LM2423 Datasheet HTML 6Page - National Semiconductor (TI) LM2423 Datasheet HTML 7Page - National Semiconductor (TI) LM2423 Datasheet HTML 8Page - National Semiconductor (TI) LM2423 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Performance Characteristics (V
CC = +220VDC,VBB = +12VDC,CL = 10 pF, VOUT = 130VPP
(60V – 190V), T
C = 50˚C, Test Circuit — Figure 3 unless otherwise specified)
20114804
FIGURE 4. V
OUT vs VIN
20114805
FIGURE 5. LM2423 Pulse Response
20114806
FIGURE 6. Bandwidth
20114807
FIGURE 7. Speed vs Load Capacitance
20114808
FIGURE 8. Speed vs Offset
20114809
FIGURE 9. Speed vs Case Temperature
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com