Electronic Components Datasheet Search
  English  ▼

X  

LM2716 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2716
Description  Dual (Step-up and Step-down) PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2716 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2716 Datasheet HTML 1Page - National Semiconductor (TI) LM2716 Datasheet HTML 2Page - National Semiconductor (TI) LM2716 Datasheet HTML 3Page - National Semiconductor (TI) LM2716 Datasheet HTML 4Page - National Semiconductor (TI) LM2716 Datasheet HTML 5Page - National Semiconductor (TI) LM2716 Datasheet HTML 6Page - National Semiconductor (TI) LM2716 Datasheet HTML 7Page - National Semiconductor (TI) LM2716 Datasheet HTML 8Page - National Semiconductor (TI) LM2716 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3V to 22V
SW1 Voltage
−0.3V to 22V
SW2 Voltage
−0.3V to 22V
FB1 Voltage
−0.3V to 7V
FB2 Voltage
−0.3V to 7V
V
C1 Voltage
1.75V
≤ V
C1
≤ 2.25V
V
C2 Voltage
0.965V
≤ V
C2
≤ 1.565V
SHDN1 Voltage
−0.3V to 7.5V
SHDN2 Voltage
−0.3V to 7.5V
SS1 Voltage
−0.3V to 2.1V
SS2 Voltage
−0.3V to 0.6V
FSLCT Voltage
AGND to 5V
CB1 Voltage
V
IN +7V(VIN =VSW)
Maximum Junction Temperature
150˚C
Power Dissipation(Note 2)
Internally Limited
Lead Temperature
300˚C
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
ESD Susceptibility (Note 3)
Human Body Model
2kV
Machine Model
200V
Operating Conditions
Operating Junction
Temperature Range
(Note 4)
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage
4V to 20V
SW1 Voltage
20V
SW2 Voltage
20V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C) Unless otherwise specified. VIN = 5V and IL = 0A, unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
Q
Total Quiescent Current (both
switchers)
Not Switching
2.8
3.5
mA
Switching, switch open
4
4.5
mA
V
SHDN =0V
9
15
µA
V
BG
Bandgap Voltage
1.235
1.26
1.285
V
I
CL1(Note 6)
Buck Switch Current Limit
95% Duty Cycle (Note 7)
1.8
A
I
CL2(Note 6)
Boost Switch Current Limit
95% Duty Cycle (Note 7)
3.6
A
I
FB1
Buck FB Pin Bias Current
(Note 8)
V
FB1 = 3.3V
65
75
µA
I
FB2
Boost FB Pin Bias Current
(Note 8)
V
FB2 = 1.265V
27
55
nA
V
IN
Input Voltage Range
420
V
g
m1
Buck Error Amp
Transconductance
∆I = 20µA
1200
µmho
g
m2
Boost Error Amp
Transconductance
∆I = 5µA
175
µmho
A
V1
Buck Error Amp Voltage Gain
100
V/V
A
V2
Boost Error Amp Voltage
Gain
135
V/V
D
MAX
Maximum Duty Cycle
90
95
98
%
F
SW
Switching Frequency
R
F = 47.5k
Ω
250
300
350
kHz
R
F = 22.6k
Ω
500
600
700
kHz
I
SHDN1
Buck Shutdown Pin Current
0V < V
SHDN1 < 7.5V
−5
5
µA
I
SHDN2
Boost Shutdown Pin Current
0V < V
SHDN2 < 7.5V
−5
5
µA
I
L1
Buck Switch Leakage Current V
DS = 20V
0.2
5
µA
I
L2
Boost Switch Leakage
Current
V
DS = 20V
0.2
3
µA
R
DSON1
Buck Switch R
DSON
160
m
Ω
R
DSON2
Boost Switch R
DSON
120
m
Ω
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com