Electronic Components Datasheet Search
  English  ▼

X  

LM9036 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9036
Description  Ultra-Low Quiescent Current Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9036 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9036 Datasheet HTML 1Page - National Semiconductor (TI) LM9036 Datasheet HTML 2Page - National Semiconductor (TI) LM9036 Datasheet HTML 3Page - National Semiconductor (TI) LM9036 Datasheet HTML 4Page - National Semiconductor (TI) LM9036 Datasheet HTML 5Page - National Semiconductor (TI) LM9036 Datasheet HTML 6Page - National Semiconductor (TI) LM9036 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM9036
Ultra-Low Quiescent Current Voltage Regulator
General Description
The LM9036 ultra-low quiescent current regulator features
low dropout voltage and low current in the standby mode.
With less than 25µA Ground Pin current at a 0.1mA load, the
LM9036 is ideally suited for automotive and other battery
operated systems. The LM9036 retains all of the features
that are common to low dropout regulators including a low
dropout PNP pass device, short circuit protection, reverse
battery protection, and thermal shutdown. The LM9036 has
a 40V maximum operating voltage limit, a −40˚C to +125˚C
operating temperature range, and ±5% output voltage toler-
ance over the entire output current, input voltage, and tem-
perature range.
Features
n
Ultra low Ground Pin current (I
GND
≤ 25µA for I
OUT
= 0.1mA)
n
Fixed 5V, 3.3V, 50mA output
n
Output tolerance ±5% over line, load, and temperature
n
Dropout voltage typically 200mV @ I
OUT = 50mA
n
−45V reverse transient protection
n
Internal short circuit current limit
n
Internal thermal shutdown protection
n
40V operating voltage limit
Typical Application
20001101
* Required if regulator is located more than 2" from power supply filter capacitor.
** Required for stability. Must be rated over intended operating temperature range. Effective series resistance (ESR) is critical, see Electrical
Characteristics. Locate capacitor as close as possible to the regulator output and ground pins. Capacitance may be increased without bound.
April 2004
© 2004 National Semiconductor Corporation
DS200011
www.national.com


Similar Part No. - LM9036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
LM9036 TI2-LM9036 Datasheet
744Kb / 21P
LM9036 Ultra-Low Quiescent Current Voltage Regulator
REVISED MARCH 2013
logo
National Semiconductor ...
LM9036DT-3.3 NSC-LM9036DT-3.3 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
LM9036DT-5.0 NSC-LM9036DT-5.0 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
More results

Similar Description - LM9036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com